Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 36Page - ATMEL Corporation ATMEGA640 Datasheet HTML 37Page - ATMEL Corporation ATMEGA640 Datasheet HTML 38Page - ATMEL Corporation ATMEGA640 Datasheet HTML 39Page - ATMEL Corporation ATMEGA640 Datasheet HTML 40Page - ATMEL Corporation ATMEGA640 Datasheet HTML 41Page - ATMEL Corporation ATMEGA640 Datasheet HTML 42Page - ATMEL Corporation ATMEGA640 Datasheet HTML 43Page - ATMEL Corporation ATMEGA640 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 449 page
background image
40
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
is dependent on the clock type, and varies from 6 cycles for an externally applied clock
to 32K cycles for a low frequency crystal.
The start-up sequence for the clock includes both the time-out delay and the start-up
time when the device starts up from reset. When starting up from Power-save or Power-
down mode, Vcc is assumed to be at a sufficient level and only the start-up time is
included.
Low Power Crystal
Oscillator
Pins XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier
which can be configured for use as an On-chip Oscillator, as shown in Figure 21. Either
a quartz crystal or a ceramic resonator may be used.
This Crystal Oscillator is a low power oscillator, with reduced voltage swing on the
XTAL2 output. It gives the lowest power consumption, but is not capable of driving other
clock inputs, and may be more susceptible to noise in noisy environments. In these
cases, refer to the “Full Swing Crystal Oscillator” on page 42.
C1 and C2 should always be equal for both crystals and resonators. The optimal value
of the capacitors depends on the crystal or resonator in use, the amount of stray capac-
itance, and the electromagnetic noise of the environment. Some initial guidelines for
choosing capacitors for use with crystals are given in Table 12. For ceramic resonators,
the capacitor values given by the manufacturer should be used.
Figure 21. Crystal Oscillator Connections
The Low Power Oscillator can operate in three different modes, each optimized for a
specific frequency range. The operating mode is selected by the fuses CKSEL3:1 as
shown in Table 12.
Notes:
1. The frequency ranges are preliminary values. Actual values are TBD.
2. This option should not be used with crystals, only with ceramic resonators.
3. If 8 MHz frequency exceeds the specification of the device (depends on V
CC), the
CKDIV8 Fuse can be programmed in order to divide the internal frequency by 8. It
must be ensured that the resulting divided clock meets the frequency specification of
the device.
Table 12. Low Power Crystal Oscillator Operating Modes(3)
Frequency Range(1) (MHz)
CKSEL3:1
Recommended Range for Capacitors
C1 and C2 (pF)
0.4 - 0.9
100(2)
–
0.9 - 3.0
101
12 - 22
3.0 - 8.0
110
12 - 22
8.0 - 16.0(4)
111
12 - 22
XTAL2
XTAL1
GND
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com