Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 138 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 134Page - ATMEL Corporation ATMEGA640 Datasheet HTML 135Page - ATMEL Corporation ATMEGA640 Datasheet HTML 136Page - ATMEL Corporation ATMEGA640 Datasheet HTML 137Page - ATMEL Corporation ATMEGA640 Datasheet HTML 138Page - ATMEL Corporation ATMEGA640 Datasheet HTML 139Page - ATMEL Corporation ATMEGA640 Datasheet HTML 140Page - ATMEL Corporation ATMEGA640 Datasheet HTML 141Page - ATMEL Corporation ATMEGA640 Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 449 page
background image
138
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Figure 48. 16-bit Timer/Counter Block Diagram
(1)
Note:
1. Refer to Figure 1 on page 2, Table 41 on page 92, and Table 47 on page 96 for
Timer/Counter1 and 3 and 3 pin placement and description.
Registers
The Timer/Counter (TCNTn), Output Compare Registers (OCRnA/B/C), and Input Cap-
ture Register (ICRn) are all 16-bit registers. Special procedures must be followed when
accessing the 16-bit registers. These procedures are described in the section “Access-
ing 16-bit Registers” on page 139. The Timer/Counter Control Registers (TCCRnA/B/C)
are 8-bit registers and have no CPU access restrictions. Interrupt requests (shorten as
Int.Req.) signals are all visible in the Timer Interrupt Flag Register (TIFRn). All interrupts
are individually masked with the Timer Interrupt Mask Register (TIMSKn). TIFRn and
TIMSKn are not shown in the figure since these registers are shared by other timer
units.
The Timer/Counter can be clocked internally, via the prescaler, or by an external clock
source on the Tn pin. The Clock Select logic block controls which clock source and edge
the Timer/Counter uses to increment (or decrement) its value. The Timer/Counter is
inactive when no clock source is selected. The output from the clock select logic is
referred to as the timer clock (clk
Tn).
The double buffered Output Compare Registers (OCRnA/B/C) are compared with the
Timer/Counter value at all time. The result of the compare can be used by the Waveform
Generator to generate a PWM or variable frequency output on the Output Compare pin
(OCnA/B/C). See “Output Compare Units” on page 146.. The compare match event will
ICFn (Int.Req.)
TOVn
(Int.Req.)
Clock Select
Timer/Counter
ICRn
=
=
=
TCNTn
Waveform
Generation
Waveform
Generation
Waveform
Generation
OCnA
OCnB
OCnC
Noise
Canceler
ICPn
=
Fixed
TOP
Values
Edge
Detector
Control Logic
= 0
TOP
BOTTOM
Count
Clear
Direction
OCFnA
(Int.Req.)
OCFnB
(Int.Req.)
OCFnC
(Int.Req.)
TCCRnA
TCCRnB
TCCRnC
( From Analog
Comparator Ouput )
Tn
Edge
Detector
( From Prescaler )
TCLK
OCRnC
OCRnB
OCRnA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com