Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 37Page - NXP Semiconductors P90CE201 Datasheet HTML 38Page - NXP Semiconductors P90CE201 Datasheet HTML 39Page - NXP Semiconductors P90CE201 Datasheet HTML 40Page - NXP Semiconductors P90CE201 Datasheet HTML 41Page - NXP Semiconductors P90CE201 Datasheet HTML 42Page - NXP Semiconductors P90CE201 Datasheet HTML 43Page - NXP Semiconductors P90CE201 Datasheet HTML 44Page - NXP Semiconductors P90CE201 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
August 1993
41
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
8.2
I2C-bus interface registers
In the following register descriptions “n” represents the I2C-bus serial interface number (1 or 2); its associated registers
are identified using the same number.
8.2.1
SERIAL CONTROL REGISTER (SnCON)
S1CON is located at address 8000 2007H; S2CON is located at address 8000 2017H. These registers have a default
value of 00H.
Table 30 Description of SnCON bits.
SYMBOL
BIT
FUNCTION
CR2
CR1
CR0
SnCON.7
SnCON.1
SnCON.0
Clock Rate. These three bits along with bit SYSCON2.12 (or SYSCON2.11) determine
the serial clock frequency that is generated in the master mode of operation. The
frequencies of 100 kHz and 400 kHz can be selected for the oscillators frequencies of
12, 16, 20 and 24 MHz, as shown in Table 31.
ENS
SnCON.6
Enable Serial I/O. When ENS = 0; the serial interface I/O is disabled and reset. When
ENS = 1; the serial interface is enabled.
STA
SnCON.5
Start flag. When this bit is set in slave mode, the hardware checks the I2C-bus and
generates a START condition if the bus is free or after the bus becomes free. If the
device operates in Master Mode it will generate a repeated START condition.
STO
SnCON.4
Stop flag. If this bit is set in the master mode a STOP condition is generated. A STOP
condition detected on the I2C-bus clears this bit. The STOP bit may also be set in Slave
Mode in order to recover from an error condition. In this case no STOP condition is
generated to the I2C-bus, but the hardware releases the SDA and SCL lines and
switches to the not selected slave receiver mode. The STOP flag is cleared by the
hardware.
SI
SnCON.3
Serial Interrupt flag. This flag is set, and an interrupt is generated, after any of the
following events occur:
-
A START condition is generated in Master Mode
-
The own slave address has been received during AA = 1
-
The general call address has been received while SnADR.0 = 1 and AA = 1
-
A data byte has been received or transmitted in master mode
-
A data byte has been received or transmitted as selected slave
-
A STOP or START condition is received as selected slave receiver or transmitter.
While the SI flag is set, SCL remains LOW and the serial transfer is suspended. SI must
be reset by software.
Fig.25 Serial Control Register (SnCON)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
CR2
ENS
STA
STO
SI
AA
CR1
CR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com