Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 61Page - NXP Semiconductors P90CE201 Datasheet HTML 62Page - NXP Semiconductors P90CE201 Datasheet HTML 63Page - NXP Semiconductors P90CE201 Datasheet HTML 64Page - NXP Semiconductors P90CE201 Datasheet HTML 65Page - NXP Semiconductors P90CE201 Datasheet HTML 66Page - NXP Semiconductors P90CE201 Datasheet HTML 67Page - NXP Semiconductors P90CE201 Datasheet HTML 68Page - NXP Semiconductors P90CE201 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
August 1993
65
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
15.3.2
EXTERNAL CLOCK DRIVE XTAL1
Table 55 External clock drive XTAL1.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
tCLCL
clock period
42
250
ns
tCHCX
HIGH time
15
tCLCL − tCLCX
ns
tCLCX
LOW time
15
tCLCL − tCHCX
ns
tCLCH
rise time
−
20
ns
tCHCL
fall time
−
20
ns
Fig.47 External clock drive XTAL1.
handbook, full pagewidth
MLA856
t CHCX
t CLCX
tCLCL
t CLCH
t CHCL
VIH1
VIH1
0.8 V
0.8 V
V IH1
VIH1
0.8 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com