| Electronic Components Datasheet Search |
|
P90CE201 Datasheet(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P90CE201 Datasheet(HTML) 46 Page - NXP Semiconductors |
|
46 / 77 page ![]() August 1993 46 Philips Semiconductors Product specification 16-bit microcontroller P90CE201 8.2.5 INTERRUPT REGISTERS The I2C-bus interface contains four registers for the control of I2C-bus interrupts. One pair of registers (S1IR and S1IV) provide independent control of the I2C1 interface interrupts; the other pair of registers (S2IR and S2IV) provide independent control of the I2C2 interface interrupts. In the following register descriptions “n” represents the I2C-bus interface number (1 or 2), its associated registers are identified using the same number. 8.2.6 INTERRUPT REGISTERS (SnIR) These registers have a default value of XX0X0000b. Table 39 Description of SnIR bits. Table 40 Selection of interrupt priority level. SYMBOL BIT FUNCTION − SnIR.7 Reserved − SnIR.6 Reserved AVN SnIR.5 Autovector. When AVN = 0; the interrupt is an autovectored interrupt and the processor calculates the appropriate vector from a fixed vector table. AVN = 0 is also the default value. When AVN = 1; the interrupt is a vectored interrupt and the peripheral must provide an 8-bit vector number. − SnIR.4 Reserved PIR SnIR.3 Pending Interrupt Request. This bit is set to a logic 1 when a valid interrupt request has been detected. It is automatically reset by the interrupt acknowledge cycle from the CPU. If PIR = 0, there is no pending interrupt request; this is also the default value. The PIR bit can also be reset by software by writing a logic 0 to this location. IPL2 IPL1 IPL0 SnIR.2 SnIR.1 SnIR.1 Interrupt Priority Level. These three bits select the interrupt priority level. See Table 40. IPL2 IPL1 IPL0 PRIORITY LEVEL 0 0 0 Interrupt inhibited; this is also the default value. 0 0 1 Level 1 0 1 0 Level 2 0 1 1 Level 3 1 0 0 Level 4 1 0 1 Level 5 1 1 0 Level 6 1 1 1 Level 7 Fig.29 Interrupt Register (SnIR). bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 −− AVN − PIR IPL2 IPL1 IPL0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |