Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 62Page - NXP Semiconductors P90CE201 Datasheet HTML 63Page - NXP Semiconductors P90CE201 Datasheet HTML 64Page - NXP Semiconductors P90CE201 Datasheet HTML 65Page - NXP Semiconductors P90CE201 Datasheet HTML 66Page - NXP Semiconductors P90CE201 Datasheet HTML 67Page - NXP Semiconductors P90CE201 Datasheet HTML 68Page - NXP Semiconductors P90CE201 Datasheet HTML 69Page - NXP Semiconductors P90CE201 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
August 1993
66
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
15.3.3
EXTERNAL MEMORY INTERFACE
Table 56 External memory read cycle timing.
Note
1. WS is the number of additional wait states access time values. See Table 11 in section 6.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
tAVSL
address valid to CSROMN/CSRAMN LOW
tCLCL − 25
−
ns
tSLDV
CSROMN/CSRAMN LOW to data valid; note 1
−
(2
+ WS/2)tCLCL − 65
ns
tAXDX
address invalid to data invalid
0
−
ns
tAVDV
address valid to data valid; note 1
−
(2
+ WS/2)tCLCL − 65
ns
tSHAX
CSROMN/CSRAMN HIGH to address invalid
tCLCL − 15
−
ns
tSHDX
CSROMN/CSRAMN HIGH to data invalid
0
−
ns
Fig.48 External memory read cycle.
handbook, full pagewidth
MLB013
Address
CSRAMN
CSROMN
D0 D7
t SLDV
LSB data
R/WN
t SHAX
AXDX
t
t AVSL
t AVDV
t SHDX
MSB data
address 1
even address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com