Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 13Page - NXP Semiconductors P90CE201 Datasheet HTML 14Page - NXP Semiconductors P90CE201 Datasheet HTML 15Page - NXP Semiconductors P90CE201 Datasheet HTML 16Page - NXP Semiconductors P90CE201 Datasheet HTML 17Page - NXP Semiconductors P90CE201 Datasheet HTML 18Page - NXP Semiconductors P90CE201 Datasheet HTML 19Page - NXP Semiconductors P90CE201 Datasheet HTML 20Page - NXP Semiconductors P90CE201 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
August 1993
17
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
6
SYSTEM CONTROL
6.1
Memory mapping
The P90CE201 accesses the external ROM and RAM via
8 data lines and up to 24 address lines. Data access to or
from the memories is bytewise. The data will be split or
restructured internally to match the internal 16-bit data
format. The upper byte (bits 15 to 8) of the data is taken
from the even address, the lower byte (bits 7 to 0) from the
odd address (MSB address
+ 1).
For external memory control the device provides the R/WN
signal together with chip enable signals for ROM
(CSROMN) and RAM (CSRAMN). CSROMN is activated
in the internal address range 0H to FFFFFFH. The
CSRAMN signal is activated in the internal address range
1000000H to 1FFFFFFH. In the external world RAM and
ROM are wired in parallel with a maximum address range
of 16 Mbytes each. If the larger memory of RAM or ROM
is smaller than 16 Mbytes the unused address pins can be
used as port pins. The advantages of this addressing
scheme are:
• Maximum flexibility for RAM and ROM sizes.
• The full physical memory size can be used without any
restrictions.
• The minimum number of address pins are used.
The validity of data is signalled to the CPU by the internal
signal DTACKN. This signal is generated internally after a
programmable delay (wait states). By programming the
number of wait cycles the user can adapt the program
execution times to his memory access times. After reset
the delay for the DTACKN signal is set to its maximum
value. Programming the number of wait cycles is
described in section 6.3.2.
Fig.10 External memory interface timing - Word access.
handbook, full pagewidth
MLB004
PHI1
A0
A23
D0
D7
CSRxMN
R/WN
(Additional
Wait States)
S0
S1
S2
S3
SB
SB
S4
S5
S0
S1
S2
S3
SB
SB
S4
S5
S0
S1
byte read
byte write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com