Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 16Page - NXP Semiconductors P90CE201 Datasheet HTML 17Page - NXP Semiconductors P90CE201 Datasheet HTML 18Page - NXP Semiconductors P90CE201 Datasheet HTML 19Page - NXP Semiconductors P90CE201 Datasheet HTML 20Page - NXP Semiconductors P90CE201 Datasheet HTML 21Page - NXP Semiconductors P90CE201 Datasheet HTML 22Page - NXP Semiconductors P90CE201 Datasheet HTML 23Page - NXP Semiconductors P90CE201 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
August 1993
20
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
6.2.4
LATCHED INTERRUPT REGISTER n (LIRn)
Table 6
Description of LIRn bits.
Table 7
Interrupt INTNn control.
Table 8
Selection of interrupt priority level.
SYMBOL
BIT
FUNCTION
INTNC1
INTNC0
LIRn.7
LIRn.6
Interrupt Control. These two bits enable/disable the external interrupt INTNn, or
select the pin as an I/O port. See Table 7.
AVN
LIRn.5
Autovector. When AVN = 0; INTNn is an autovectored interrupt and the processor
calculates the appropriate vector from a fixed vector table. This is also the default
value. When AVN = 1; INTNn is a vectored interrupt and the peripheral must provide
an 8-bit vector number.
−
LIRn.4
Not used; reserved
PIR
LIRn.3
Pending Interrupt Request. If PIR = 1; then a valid interrupt request has been
detected. It is automatically reset by the interrupt acknowledge cycle from the
CPU. If PIR = 0; there is no pending interrupt request; this is also the default value.
PIR can be set or reset by software by writing a logic 1 or logic 0 respectively to PIRn.
IPL2
IPL1
IPL0
LIRn.2
LIRn.1
LIRn.0
Interrupt Priority Level. These three bits select the interrupt priority level for the
external interrupt INTNn. See Table 8.
INTNC1
INTNC0
INTERRUPT CONTROL
0
0
Interrupt disabled; this is also the default value.
0
1
interrupt enabled
1
0
Interrupt pin is selected as an I/O port.
1
1
Reserved
IPL2
IPL1
IPL0
PRIORITY LEVEL
0
0
0
Interrupt inhibited; this is also the default value.
0
0
1
Level 1
0
1
0
Level 2
0
1
1
Level 3
1
0
0
Level 4
1
0
1
Level 5
1
1
0
Level 6
1
1
1
Level 7
Fig.12 Latched Interrupt Register n (LIRn).
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
INTNC1
INTNC0
AVN
−
PIR
IPL2
IPL1
IPL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com