Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 59Page - NXP Semiconductors P90CE201 Datasheet HTML 60Page - NXP Semiconductors P90CE201 Datasheet HTML 61Page - NXP Semiconductors P90CE201 Datasheet HTML 62Page - NXP Semiconductors P90CE201 Datasheet HTML 63Page - NXP Semiconductors P90CE201 Datasheet HTML 64Page - NXP Semiconductors P90CE201 Datasheet HTML 65Page - NXP Semiconductors P90CE201 Datasheet HTML 66Page - NXP Semiconductors P90CE201 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
August 1993
63
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
15.2
DC Characteristics
VDD =5V ±10%; VSS =0V; Tamb = −25 to +85 °C; all voltages with respect to VSS unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Supply
VDD
supply voltage
4.5
5.5
V
IDD
supply current operating
VDD = 5.5 V; fCLK = 24 MHz
note 1
−
70
mA
RRST
RESET pull-down resistor
50
150
k
Ω
Inputs
VIL
LOW level input voltage
(except SCLn and SDAn)
−0.5
0.8
V
VIL1
LOW level input voltage
SCLn and SDAn
note 2
−0.5
1.5
V
VIH
HIGH level input voltage
(except RESET, XTAL1, SCLn,
SDAn)
2.0
VDD + 0.5
V
VIH1
HIGH level input voltage
RESET, XTAL1
0.7VDD + 0.1
VDD + 0.5
V
VIH2
HIGH level input voltage
SCLn, SDAn
note 2
3.0
6.0
V
IIL
LOW level input current
GP0-5, A16-23 in port mode,
INTN0 - 7
VIN = 0.45 V
−−50
µA
ITL
input current HIGH-to-LOW
transition for externally driven
port pins
(except GP6 and GP7)
VIN = 2.0 V
−−650
µA
ILI
input leakage current
D0 to D7
0.45 V
≤ VIN ≤ VDD
−±10
µA
ILI1
input leakage current
SCLn, SDAn
0.4 V
≤ VIN ≤ 4.95 V
note 2
−±10
µA
Outputs
VOL
LOW level output voltage
(except GP0-3, SCLn,SDAn)
IOL = 1.6 mA; note 3
−
0.45
V
VOL1
LOW level output voltage
GP0-3
IOL = 6.4 mA; note 3
IIOL = 20 mA; note 3
−
0.45
1.2
V
V
VOL2
LOW level output voltage
SCLn, SDAn
IOL = 3.0 mA; notes 2 and 3
IOL = 60 mA; notes 2 and 3
−
−
0.4
0.6
V
V
VOH
HIGH level output voltage
(except SCLn,SDAn)
IOH = −60 µA
2.4
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com