Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 19Page - NXP Semiconductors P90CE201 Datasheet HTML 20Page - NXP Semiconductors P90CE201 Datasheet HTML 21Page - NXP Semiconductors P90CE201 Datasheet HTML 22Page - NXP Semiconductors P90CE201 Datasheet HTML 23Page - NXP Semiconductors P90CE201 Datasheet HTML 24Page - NXP Semiconductors P90CE201 Datasheet HTML 25Page - NXP Semiconductors P90CE201 Datasheet HTML 26Page - NXP Semiconductors P90CE201 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
August 1993
23
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
6.3
System Control Registers
The P90CE201 has two System Control Registers SYSCON1 and SYSCON2 which allow system parameters to be
selected.
6.3.1
SYSTEM CONTROL REGISTER 1 (SYSCON1)
Table 10 Description of SYSCON1 bits.
Table 11 Selection of memory access times for ROM and RAM areas.
Notes
1. 1 internal clock cycle contains 2 wait states.
2. All other states are undefined and reserved.
SYMBOL
BIT
FUNCTION
−
SYSCON1.15
to
SYSCON1.8
These eight bits are not used.
NROD2
NROD1
NROD0
SYSCON1.7
SYSCON1.6
SYSCON1.5
These three bits select the access time for the ROM area. After a reset operation
these bits are logic 0’s. See Table 11.
−
SYSCON1.4
not used
−
SYSCON1.3
not used
NRAD2
NRAD1
NRAD0
SYSCON1.2
SYSCON1.1
SYSCON1.0
These three bits select the access time for the RAM area. After a reset operation
these bits are logic 0’s. See Table 11
NROD2
NROD1
NROD0
ADD WAIT
STATES
fXTAL (MHz)
UNIT
NRAD2
NRAD1
NRAD0
24
20
16
12
0
0
0
8
185
235
310
435
ns
0
0
1
4
101
135
185
268
ns
0
1
0
2
60
85
122
185
ns
0
1
1
0
18
35
60
101
ns
Fig.18 System Control Register 1 (SYSCON1).
handbook, full pagewidth
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
bit
NRAD1
NROD2 NROD1 NROD0
NRAD0
NRAD2
MLB011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com