Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 48Page - NXP Semiconductors P90CE201 Datasheet HTML 49Page - NXP Semiconductors P90CE201 Datasheet HTML 50Page - NXP Semiconductors P90CE201 Datasheet HTML 51Page - NXP Semiconductors P90CE201 Datasheet HTML 52Page - NXP Semiconductors P90CE201 Datasheet HTML 53Page - NXP Semiconductors P90CE201 Datasheet HTML 54Page - NXP Semiconductors P90CE201 Datasheet HTML 55Page - NXP Semiconductors P90CE201 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
August 1993
52
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
10 8-BIT GENERAL PORT
The port is configured as a quasi-bidirectional port. A port
pin is set to input mode by writing a logic 1 to the
corresponding General Port Register (GP) bit. This drives a
“hard” logic 1 to the corresponding output pin for a short
period. After this period the logic 1 level is maintained by a
weak pull-up transistor, which can be overwritten by an
external signal.
A read from GP reads the value from the corresponding
General Port Register bit. A read from the General Port
Pad/Register (GPP) reads the value from the corresponding
port input pin. A write to either GP or GPP writes the value
to the port register (GP) from where it is driven to the
corresponding port pins. After RESET the port is set to input
mode. Bits 0 to 3 can be used as high current drive outputs
at a logic 0. Bits 6 and 7 may also be used for I2C1 and
therefore no internal pull-ups are implemented.
10.1
8-bit General Port registers
10.1.1
GENERAL PORT REGISTER (GP)
This register is located at address 8000 2073H.
10.1.2
GENERAL PORT PAD/REGISTER (GPP)
This register is located at address 8000 2071H.
Fig.35 General Port Register (GP).
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
Fig.36 General Port Pad/Register (GPP).
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
GPP7
GPP6
GPP5
GPP4
GPP3
GPP2
GPP1
GPP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com