| Electronic Components Datasheet Search |
|
P90CE201 Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P90CE201 Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 77 page ![]() August 1993 19 Philips Semiconductors Product specification 16-bit microcontroller P90CE201 6.2 Interrupt controller An interrupt controller handles all internal and external interrupts. It passes the interrupt with the highest level priority to the CPU. The following interrupt requests are generated by the on-chip peripherals. • I2C1 • I2C2 • UART receiver • UART transmitter • Timer 2 • Timer 1 • Timer 0. The following interrupt requests are sent via external pins. • INTN0 to INTN7 6.2.1 INTERRUPT ARBITRATION The priority level of all interrupts are programmable and each may be allocated a value between 0 and 7. Level 7 has the highest priority, level 0 disables the corresponding interrupt source. In the event of interrupt requests of equal priority level occurring at the same time, then a hardware mechanism gives the following order. • INTN7 • INTN6 • INTN5 • INTN4 • INTN3 • INTN2 • INTN1 • INTN0 • Timer 2 • Timer 1 • Timer 0 • UART receiver • UART transmitter • I2C2 • I2C1. The execution of interrupt routines may be interrupted by another higher priority level interrupt request (nested interrupts). In the 68070 mode (SYSCON2.7 = 1), when an interrupt is serviced by the CPU, the corresponding level is loaded into the Status Register. This prevents the current interrupt from getting interrupted by another interrupt request with the same or lower priority level. If SYSCON2.7 = 0, priority level 7 will always be loaded into the Status Register and therefore the current interrupt cannot be interrupted by any other interrupt request. 6.2.2 ACKNOWLEDGE AND INTERRUPT VECTORS When the CPU is ready to service a particular interrupt request, it initiates an “interrupt acknowledge cycle” in order to obtain the interrupt vector from the requesting device. When the device recognizes that its interrupt request has been accepted it either provides an 8-bit interrupt vector together with an internal DTACKN signal (vector mode), or it asserts an internal AVN signal and the interrupt vector is calculated from the interrupt level. 6.2.3 EXTERNAL LATCHED INTERRUPTS INTN7 to INTN0 are 8 external interrupt inputs; each triggered on the falling edge of the input. Their priority levels as well as their interrupt vectors are programmable. As an alternative function INTN7 to INTN0 may be used as I/O ports. When an interrupt pin is programmed as a port, the corresponding bit in the Port Control Register LPCRH (or LPCRL) is used for port I/O. A read from either of these two registers reads the value from the corresponding bit in the Port Control Register. A read from the Port Pad Control Register LPPH (or LPPL) reads the value from the corresponding port input pin. A write to LPCRH (or LPCRL) or to LPPH (or LPPL) writes the value to the corresponding port register, from where it is driven to the corresponding port pin. The port function is configured as a quasi-bidirectional port. A bit is set to input mode by writing a logic 1 to the corresponding Port Control Register bit. This drives a “weak” logic 1 to the corresponding output pin, which can be overwritten by an external signal. In the following register descriptions “n” represents the external interrupt number (0 to 7), its associated registers are identified using the same number. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |