Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 69Page - NXP Semiconductors P90CE201 Datasheet HTML 70Page - NXP Semiconductors P90CE201 Datasheet HTML 71Page - NXP Semiconductors P90CE201 Datasheet HTML 72Page - NXP Semiconductors P90CE201 Datasheet HTML 73Page - NXP Semiconductors P90CE201 Datasheet HTML 74Page - NXP Semiconductors P90CE201 Datasheet HTML 75Page - NXP Semiconductors P90CE201 Datasheet HTML 76Page - NXP Semiconductors P90CE201 Datasheet HTML 77Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
August 1993
74
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
8000 2052
RCAPH2
RCAP2
Timer 2 Reload/Capture Low Order Register
R/W
8000 2053
RCAPL2
Timer 2 Reload/Capture Low Order Register
R/W
8000 2054
Reserved
8000 2055
T2CON
Timer 2 Control Register
R/W
8000 2056
Reserved
8000 2057
T2IR
Timer 2 Interrupt Register
R/W
8000 2058
Reserved
8000 2059
T2IV
Timer 2 Interrupt vector
R/W
8000 205A to 8000 205F
Reserved
Watchdog registers
8000 2060
Reserved
8000 2061
WDTIM
Watchdog Timer Register
R/W
8000 2062
Reserved
8000 2063
WDCON
Watchdog Control Register
R/W
8000 2064 to 8000 206F
Reserved
General Port registers
8000 2070
Reserved
8000 2071
GPP
Port Pad/Register
R/W
8000 2072
Reserved
8000 2073
GP
Port Register
R/W
8000 2074 to 8000 207F
Reserved
Auxiliary Port registers
8000 2080
Reserved
8000 2081
APP
Auxiliary Port Pad/Register
R/W
8000 2082
Reserved
8000 2083
APCON
Auxiliary Port Control Register
R/W
8000 2084 to 8000 208F
Reserved
ADDRESS (HEX)
SYMBOL
REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com