Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 22Page - NXP Semiconductors P90CE201 Datasheet HTML 23Page - NXP Semiconductors P90CE201 Datasheet HTML 24Page - NXP Semiconductors P90CE201 Datasheet HTML 25Page - NXP Semiconductors P90CE201 Datasheet HTML 26Page - NXP Semiconductors P90CE201 Datasheet HTML 27Page - NXP Semiconductors P90CE201 Datasheet HTML 28Page - NXP Semiconductors P90CE201 Datasheet HTML 29Page - NXP Semiconductors P90CE201 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
August 1993
26
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
6.4
Reset
The reset input for the P90CE201 is RESET (pin 53). A
Schmitt trigger is used at the input for noise rejection. The
output of the Schmitt trigger is sampled by the reset
circuitry every machine cycle. The internal reset circuitry
has an additional input which is activated by an overflow of
the Watchdog Timer (WDTIM). The On-chip Reset
configuration is shown in Fig.20.
A global reset may be performed by three different
methods:
• Applying an external signal to the RESET pin
• Automatic Power-on-reset circuitry
• Activated by an overflow of the Watchdog Timer.
During the reset operation the CPU and peripherals are
reset. After an internal start-up time, the CPU reads the
reset vectors (the reset vectors are four words long).
Address 000000H is loaded into the Supervisor Stack
Pointer (SSP), and address 000004H is loaded into the
Program Counter (PC). As soon as the SSP and PC have
been loaded, the CPU initializes the Status Register to
interrupt level 7. Instruction execution then starts at the
address indicated by the Program Counter.
6.4.1
EXTERNAL RESET USING THE RESET PIN
An external reset is accomplished by applying an external
signal to the RESET pin. To ensure that the oscillator is
stable before the controller starts, the external signal must
be held HIGH for at least 100 ms.
6.4.2
AUTOMATIC POWER-ON RESET
Providing the rise time of VDD does not exceed 10 ms, an
automatic reset can be obtained by connecting the RESET
pin to VDD, via a 2.2 µF capacitor. When the power is
switched on, the voltage on the RESET pin is equal to VDD
minus the capacitor voltage, and decreases from VDD as
the capacitor charges through the internal resistor
(RRESET) to ground. The larger the capacitor, the more
slowly VRESET decreases. VRESET must remain above the
lower threshold of the Schmitt trigger long enough to effect
a complete reset. The time required is the oscillator
start-up time, plus 2 machine cycles. The Power-on reset
circuitry is shown in Fig.21.
6.4.3
RESET ACTIVATED BY AN OVERFLOW OF THE
WATCHDOG TIMER
A reset can also be initiated by an overflow of the
Watchdog Timer (see Fig.20). After a reset operation the
Watchdog Timer is disabled.
Note that when the CPU executes a RESET instruction,
the CPU is not affected, only the on-chip peripherals are
reset.
Fig.20 On-chip reset configuration.
MLB007
SCHMITT
TRIGGER
RESET
CIRCUITRY
RESET
on-chip
resistor
Watchdog
timer overflow
Fig.21 Power-on reset circuitry.
handbook, halfpage
VDD
V
DD
RESET
2.2
µF
R RESET
MLB006
P90CE201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com