| Electronic Components Datasheet Search |
|
P90CE201 Datasheet(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P90CE201 Datasheet(HTML) 49 Page - NXP Semiconductors |
|
49 / 77 page ![]() August 1993 49 Philips Semiconductors Product specification 16-bit microcontroller P90CE201 9.3.2 UART CONTROL REGISTER (SCON) The Serial Port Control Register and Status Register (SCON) contains not only the mode selection bits, but also the 9th data bit for transmit and receive (TB8 and RB8), and the serial port interrupt bits (TI and RI). SCON has a default value of 00H. Table 42 Description of SCON bits. Table 43 Selection of the serial port modes. SYMBOL BIT FUNCTION SM0 SM1 SCON.7 SCON.6 These two bits are used to select the serial port mode. See Table 43. SM2 SCON.5 Enables the multiprocessor communication feature in Modes 2 and 3. In Modes 2 and 3, if SM2 = 1, then RI will not be activated if the received 9th data bit (RB8) is a logic 0. In Mode 1, if SM2 = 1, then RI will not be activated unless a valid stop bit was received. In Mode 0, SM2 should be a logic 0. REN SCON.4 Enables serial reception and is set by software to enable reception, and cleared by software to disable reception. TB8 SCON.3 The 9th data bit that will be transmitted in Modes 2 and 3. Set or cleared by software as required. RB8 SCON.2 In Modes 2 and 3, RB8 is the 9th data bit that is received. In Mode 1, if SM2 = 0, then RB8 is the stop bit that was received. In Mode 0, RB8 is not used. TI SCON.1 Transmit Interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or at the beginning of the stop bit time in the other modes, in any serial transmission. Must be cleared by software. RI SCON.0 Receive Interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or halfway through the stop bit time in the other modes, in any serial transmission (however see SM2). Must be cleared by software. SM0 SM1 MODE DESCRIPTION BAUD RATE 0 0 0 Shift register BPCLK/4 0 1 1 8-bit UART variable 1 0 2 9-bit UART 3/32 BPCLK 1 1 3 9-bit UART variable Fig.32 UART Control Register (SCON). bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SM0 SM1 SM2 REN TB8 RB8 TI RI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |