Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 10Page - NXP Semiconductors P90CE201 Datasheet HTML 11Page - NXP Semiconductors P90CE201 Datasheet HTML 12Page - NXP Semiconductors P90CE201 Datasheet HTML 13Page - NXP Semiconductors P90CE201 Datasheet HTML 14Page - NXP Semiconductors P90CE201 Datasheet HTML 15Page - NXP Semiconductors P90CE201 Datasheet HTML 16Page - NXP Semiconductors P90CE201 Datasheet HTML 17Page - NXP Semiconductors P90CE201 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
August 1993
14
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
5.5
Stack format
The stack format for exception processing is similar to the 68010 (rather than the 68000) although the information stored
is not the same due to the different architecture. To handle this format the P90CE201 differs from the 68000 in that:
• The stack format has changed.
• The minimum number of words put into, or restored from, the stack is 4 (68010 compatible; not 3 as with the 68000).
• The RTE instruction decides (with the aid of the 4 format bits) whether or not more information has to be restored. The
P90CE201 long format is used for bus error and address error exceptions; all other exceptions use the short format.
• If another format code, other than one of the two listed above, is detected during the restore action, a Format Error
occurs.
If the user wants to finish the instruction in which the bus or address error occurred, the P90CE201 format must be used
on RTE. If no changes to the stack are required during exception processing, the stack format is transparent to the user.
5.5.1
LONG AND SHORT STACK FORMATS
Fig.7 Stack format.
SR
Status Register.
PCH/PCL
Program Counter High/Low Word.
FORMAT
Indicating either a short stack
(only the first 4 words), or the long
stack format for bus and address
error exceptions. See Fig.9.
VECTOR NUMBER
The vector number of the
exception in the vector table; e.g.
2 for a bus error and 3 for an
address error. See Fig.9.
SSW
Special Status Word; see Fig.8.
MM
Current Move Multiple Mask.
TDPH/TDPL
In the event of a faulty write cycle,
the data can be found here.
TPFH/TPFL
The address used during the faulty
bus cycle.
DBINH/DBINL
Data that has been read prior to
the faulty cycle can in some cases
be found here.
IR
Holds the current instruction
being executed.
IRC
Holds either the present
instruction being executed or the
prefetched instruction.
handbook, 4 columns
Short
Stack
Format
FORMAT (4 bits)
VECTOR NUMBER
Long
Stack
Format
SR
PCH
PCL
SSW
MM
INTERNAL INFORMATION
INTERNAL INFORMATION
TPDH
TPFL
DBINH
DBINL
INTERNAL INFORMATION
IR
IRC
TPFH
TPDL
SP
MCD512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com