Electronic Components Datasheet Search
  English  ▼

X  

P90CE201 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # P90CE201
Description  16-bit microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P90CE201 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button P90CE201 Datasheet HTML 21Page - NXP Semiconductors P90CE201 Datasheet HTML 22Page - NXP Semiconductors P90CE201 Datasheet HTML 23Page - NXP Semiconductors P90CE201 Datasheet HTML 24Page - NXP Semiconductors P90CE201 Datasheet HTML 25Page - NXP Semiconductors P90CE201 Datasheet HTML 26Page - NXP Semiconductors P90CE201 Datasheet HTML 27Page - NXP Semiconductors P90CE201 Datasheet HTML 28Page - NXP Semiconductors P90CE201 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
August 1993
25
Philips Semiconductors
Product specification
16-bit microcontroller
P90CE201
Note
1. All bits of this register have a default value of logic 0 except TOED1 which has a default value of logic 1.
Table 13 Selection of basic peripheral clock for BPCLK = 4 MHz.
Table 14 Selection of input trigger for T0.
T1PS
SYSCON2.1
This bit enables or disables the prescaler for Timer 1. If T1PS = 0; the prescaler is
disabled and the timer operates at a frequency of fXTAL/2. If T1PS = 1; the prescaler
is enabled and the timer operates at a frequency of fXTAL/32.
T1PO
SYSCON2.0
This bit selects whether bit 5 of the general purpose port acts as a port or as an
input to Timer 1. If T1PO = 0; bit 5 of the general purpose port acts as a port. If
T1PO = 1; bit 5 of the general purpose port acts as an input to Timer 1.
PSBPCLK1
PSBPCLK0
DIVISOR
fXTAL (MHz)
0
0
3.0
24
0
1
2.5
20
1
0
2.0
16
1
1
1.5
12
TOED1
TOED0
TRANSITION
0
0
Edge detection disabled
0
1
LOW-to-HIGH transitions will be monitored.
1
0
HIGH-to-LOW transitions will be monitored. This is the default value after a reset
operation.
1
1
Any transition will be monitored.
SYMBOL
BIT
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com