Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 37Page - NXP Semiconductors PCF8820 Datasheet HTML 38Page - NXP Semiconductors PCF8820 Datasheet HTML 39Page - NXP Semiconductors PCF8820 Datasheet HTML 40Page - NXP Semiconductors PCF8820 Datasheet HTML 41Page - NXP Semiconductors PCF8820 Datasheet HTML 42Page - NXP Semiconductors PCF8820 Datasheet HTML 43Page - NXP Semiconductors PCF8820 Datasheet HTML 44Page - NXP Semiconductors PCF8820 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
2000 Dec 07
41
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
128
00000000
data write column 3 (vertical
addressing)
129
00000000
data write
130 to
146
00000000
no display change
data writes (17 bytes)
147
11111111
data write column 4 (vertical
addressing)
148
00000011
data write
149 to
165
00000000
no display change
data writes (17 bytes)
166
00110000
data write column 5 (vertical
addressing)
167
00000000
data write
168 to
184
00000000
no display change
data writes (17 bytes)
185
11111111
data write column 6 (vertical
addressing)
186
00000011
data write: last data; stop
transmission
187
01111
SA1 SA0
0
no display change
restart, slave address, R/W=0
188
10000000
no display change
control byte: Co = 1, RS = 0
189
00000001
no display change
H2 to H0 independent command:
select function and RAM command
page (H2 to H0 = 000)
STEP
SERIAL BUS BYTE
LCD
OPERATION
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
MGT146
MGT146
MGT147
MGT148
MGT149
MGT149
MGT150
MGT151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com