Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 48Page - NXP Semiconductors PCF8820 Datasheet HTML 49Page - NXP Semiconductors PCF8820 Datasheet HTML 50Page - NXP Semiconductors PCF8820 Datasheet HTML 51Page - NXP Semiconductors PCF8820 Datasheet HTML 52Page - NXP Semiconductors PCF8820 Datasheet HTML 53Page - NXP Semiconductors PCF8820 Datasheet HTML 54Page - NXP Semiconductors PCF8820 Datasheet HTML 55Page - NXP Semiconductors PCF8820 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
2000 Dec 07
52
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
Note
1. All x/y coordinates represent the position of the centre
of each pad (in
µm) with respect to the centre (x/y = 0)
of the chip (see Fig.32).
Table 11 Bonding pad dimensions
dummy
234
−5548.7
+1162.5
dummy
235
−5618.7
+1162.5
Alignment marks
Circle 1
−5594.0
−1162.5
Circle 2
+5594.0
−1162.5
Circle 3
+5469.0
+1162.5
Circle 4
−5369.0
+1162.5
SYMBOL
PAD
COORDINATES(1)
xy
NAME
DIMENSION
Pad pitch
70
µm (minimum value)
Pad size, aluminium
62
× 100 µm
Passivation opening at pad 36
× 76 µm
Bump dimensions
52
× 90 × 17.5 µm
Wafer thickness
(excluding bumps)
381
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com