Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 11Page - NXP Semiconductors PCF8820 Datasheet HTML 12Page - NXP Semiconductors PCF8820 Datasheet HTML 13Page - NXP Semiconductors PCF8820 Datasheet HTML 14Page - NXP Semiconductors PCF8820 Datasheet HTML 15Page - NXP Semiconductors PCF8820 Datasheet HTML 16Page - NXP Semiconductors PCF8820 Datasheet HTML 17Page - NXP Semiconductors PCF8820 Datasheet HTML 18Page - NXP Semiconductors PCF8820 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
2000 Dec 07
15
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
7.18
I2C-bus interface
The I2C-bus allows bidirectional data communication
between different ICs or modules. The serial data input line
and serial data output line are connected together, so
representing the Serial Data (SDA) line. See Section 13.4
for layout considerations. The SDA line and the Serial
Clock Line (SCL) line must be connected to a positive
supply voltage via a pull-up resistor. Data transfer may be
initiated only when the bus is not busy.
7.18.1
BIT TRANSFER
One data bit is transferred during a clock pulse period. The
data on the SDA line must remain stable during the HIGH
period of the clock pulse, otherwise any change in the data
within this period will be interpreted as a control signal
(see Fig.11).
7.18.2
START AND STOP CONDITIONS
Both data and clock lines are HIGH when the bus is not
busy (see Fig.12).
A START condition (S) occurs when the data line goes
from HIGH-to-LOW while the clock is HIGH.
A STOP condition (P) occurs when the data line goes from
LOW-to-HIGH while the clock is HIGH.
handbook, full pagewidth
MBC621
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig.11 Bit transfer.
handbook, full pagewidth
MBC622
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition
Fig.12 Definition of START and STOP conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com