Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 38Page - NXP Semiconductors PCF8820 Datasheet HTML 39Page - NXP Semiconductors PCF8820 Datasheet HTML 40Page - NXP Semiconductors PCF8820 Datasheet HTML 41Page - NXP Semiconductors PCF8820 Datasheet HTML 42Page - NXP Semiconductors PCF8820 Datasheet HTML 43Page - NXP Semiconductors PCF8820 Datasheet HTML 44Page - NXP Semiconductors PCF8820 Datasheet HTML 45Page - NXP Semiconductors PCF8820 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
2000 Dec 07
42
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
190
10000000
no display change
control byte: Co = 1, RS = 0
191
00001001
no display change
function and RAM command page:
select display setting command
page (H2 to H0 = 001)
192
10000000
no display change
control byte: Co = 1, RS = 0
193
00000111
display mode: set inverse video
mode (D = 1, E = 1)
194
10000000
no display change
control byte: Co = 1, RS = 0
195
00000001
no display change
H2 to H0 independent command:
select function and RAM command
page (H2 to H0 = 000)
196
10000000
no display change
control byte: Co = 1, RS = 0
197
10000000
no display change
set X address of RAM to ‘0000000’
198
10000000
no display change
control byte: Co = 1, RS = 0
199
01000000
no display change
set Y address of RAM to ‘00000’
200
01000000
no display change
control byte: Co = 0, RS = 1
201
01010101
data write column 1 (vertical
addressing mode)
202
00000001
data write: last data; stop
transmission
STEP
SERIAL BUS BYTE
LCD
OPERATION
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
MGT152
MGT153
MGT154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com