Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 26Page - NXP Semiconductors PCF8820 Datasheet HTML 27Page - NXP Semiconductors PCF8820 Datasheet HTML 28Page - NXP Semiconductors PCF8820 Datasheet HTML 29Page - NXP Semiconductors PCF8820 Datasheet HTML 30Page - NXP Semiconductors PCF8820 Datasheet HTML 31Page - NXP Semiconductors PCF8820 Datasheet HTML 32Page - NXP Semiconductors PCF8820 Datasheet HTML 33Page - NXP Semiconductors PCF8820 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
2000 Dec 07
30
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); note 1.
Note
1. All voltages are referred to VSS = 0 V. Stress above one or more of the limiting values may cause permanent damage
to the device. These are stress ratings only and operation of the device at these or at any other conditions above
those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended
periods may affect device reliability. Parameters are valid over operating temperature range unless otherwise
specified.
10 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
11 CHARACTERISTICS
VDD1 = 2.5 to 5.5 V; VDD2 =VDD3 = 2.7 to 5.5 V; VSS1 =VSS2 =0V; VLCDIN = 4.5 to 14.5 V; Tamb = −40 to +85 °C;
unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+6.5
V
VLCDIN
supply voltage for the LCD
−0.5
+15
V
Vn
voltage on
V
any VLCD related pin
−0.5
VLCDIN + 0.5
V
any other pin
−0.5
VDD1 + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
ISS
ground supply current
−50
+50
mA
Ptot
total power dissipation
−
100
mW
P/out
power dissipation per output
−
10
mW
Tamb
ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD1
supply voltage 1 of logic
circuits
2.5
−
5.5
V
VDD2
supply voltage 2 of voltage
multiplier
2.7
−
5.5
V
VDD3
supply voltage 3 of voltage
multiplier
2.7
−
5.5
V
VLCDIN
supply voltage of LCD
graphic mode
7.0
−
14.5
V
partial screen mode;
note 1
VDD
−
14.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com