Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 7Page - NXP Semiconductors PCF8820 Datasheet HTML 8Page - NXP Semiconductors PCF8820 Datasheet HTML 9Page - NXP Semiconductors PCF8820 Datasheet HTML 10Page - NXP Semiconductors PCF8820 Datasheet HTML 11Page - NXP Semiconductors PCF8820 Datasheet HTML 12Page - NXP Semiconductors PCF8820 Datasheet HTML 13Page - NXP Semiconductors PCF8820 Datasheet HTML 14Page - NXP Semiconductors PCF8820 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGT117
state1
state2
N11
N12
N13
N14
N21
Frame
0
012
7
0
012
7
0
012
7
0
012
7
0
012
7
VLCD
0.5VLCD
0.5VLCD
0.5VLCD
0.5VLCD
−0.5VLCD
−0.5VLCD
VSS
ROW 0
R0(t)
VLCD
VSS
ROW 1
R1(t)
0 V
VLCD
−VLCD
Vstate2(t)
0 V
VLCD
−VLCD
Vstate1(t)
VLCD
VSS
COL 0
C0(t)
VLCD
VSS
COL 1
C1(t)
Fig.5 Typical LCD driver waveforms at a multiplex rate of 1 : 8, for partial screen mode and bias system 1/2.
Vstate1(t) = C1(t) − R0(t).
Vstate2(t) = C1(t) − R1(t).
Example for setting grey-scale register.
ROW0, COL0: GS = 0
ROW1, COL0: GS = 63 (63 will be set to 64; see Section 8.1.8).
ROW0, COL1: GS = 63 (63 will be set to 64; see Section 8.1.8).
ROW1, COL0: GS = 63 (63 will be set to 64; see Section 8.1.8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com