Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 33Page - NXP Semiconductors PCF8820 Datasheet HTML 34Page - NXP Semiconductors PCF8820 Datasheet HTML 35Page - NXP Semiconductors PCF8820 Datasheet HTML 36Page - NXP Semiconductors PCF8820 Datasheet HTML 37Page - NXP Semiconductors PCF8820 Datasheet HTML 38Page - NXP Semiconductors PCF8820 Datasheet HTML 39Page - NXP Semiconductors PCF8820 Datasheet HTML 40Page - NXP Semiconductors PCF8820 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
2000 Dec 07
37
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
13 APPLICATION INFORMATION
13.1
Programming example for the PCF8820
It should be noted that only a part of the LCD is shown in the LCD column of Table 9.
Table 9
Programming example
STEP
SERIAL BUS BYTE
LCD
OPERATION
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1
01111
SA1 SA0
0
start slave address, R/W=0
2
10000000
control byte: Co = 1, RS = 0
3
00000001
H2 to H0 independent command:
select function and RAM command
page (H2 to H0 = 000)
4
10000000
control byte: Co = 1, RS = 0
5
00001001
function and RAM command page:
select display setting command
page (H2 to H0 = 001)
6
10000000
control byte: Co = 1, RS = 0
7
00000110
display setting command page: set
normal display mode (D = 1, E = 0)
8
10000000
control byte: Co = 1, RS = 0
9
00010010
display setting command page: set
bias system = 1/9
(BS2 to BS0 = 010)
10
10000000
control byte: Co = 1, RS = 0
11
01000000
display setting command page:
select first 8 rows for partial screen
mode (DP2 to DP0 = 000)
12
10000000
control byte: Co = 1, RS = 0
13
00000001
H2 to H0 independent command:
select function and RAM command
page (H2 to H0 = 000)
14
10000000
control byte: Co = 1, RS = 0
15
00010110
function and RAM command page:
select Power-down mode (PD = 1)
and vertical address mode (V = 1)
16
10000000
control byte: Co = 1, RS = 0
17
00001100
function and RAM command page:
select special feature command
page (H2 to H0 = 100)
18
10000000
control byte: Co = 1, RS = 0
19
00000101
special feature command page:
enable display (DOF = 0) and
enable direct drive (DM = 1) to
pre-charge the charge pump
20
10000000
control byte: Co = 1, RS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com