Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 44Page - NXP Semiconductors PCF8820 Datasheet HTML 45Page - NXP Semiconductors PCF8820 Datasheet HTML 46Page - NXP Semiconductors PCF8820 Datasheet HTML 47Page - NXP Semiconductors PCF8820 Datasheet HTML 48Page - NXP Semiconductors PCF8820 Datasheet HTML 49Page - NXP Semiconductors PCF8820 Datasheet HTML 50Page - NXP Semiconductors PCF8820 Datasheet HTML 51Page - NXP Semiconductors PCF8820 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
2000 Dec 07
48
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
13.5
Typical system configuration
The PCF8820 is a low power LCD driver designed to
interface with microcontrollers and a wide variety of LCDs.
The host microcontroller and the PCF8820 are both
connected to the I2C-bus. The SDA and SCL lines must be
connected to the positive power supply via pull-up
resistors.
The internal oscillator requires no external components.
The appropriate intermediate biasing voltage for the
multiplexed LCD waveforms are generated on-chip.
The only other connections required to complete the
system are the power supplies (VDD1,VDD2 and VDD3) and
ground supplies (VSS1 and VSS2), LCD supply (VLCDIN) and
system reset (RES), including suitable capacitors for
decoupling.
13.6
External supply of VLCDIN
If an external LCD supply voltage is used, it must be
connected to pad VLCDIN. If pads VLCDOUT,VLCDSENSE and
VLCDIN are connected together, the impedance of
pad VLCDOUT should be set high-impedance by setting the
status of bits shown in Table 8. To obtain the highest
resistance and the lowest current into pad VLCDSENSE,itis
recommended to set the VLCD programming range to
HIGH (bit PRS = 1) and the VLCD control register value to
127 (maximum value) with bits VOP6 to VOP0.
It should be noted that VLCDIN is not allowed to be lower
than VDD1.
An external VLCD must be applied after applying VDD1, and
it must be turned off before (or when) VDD1 is turned off
(see Fig.25). It is recommended that the external VLCD is
applied after leaving the reset state. The external VLCD can
stay turned on in Power-down mode.
handbook, full pagewidth
MGT138
HOST
MICROCONTROLLER
LCD PANEL
VLCD
VP1
VP2 ≤ 5.5 V
SDA
SCL
PCF8820
Rpu
Rpu
RES
101 column drivers
67 row drivers
I2C-bus
Fig.31 Typical system configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com