Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8820 Datasheet HTML 1Page - NXP Semiconductors PCF8820 Datasheet HTML 2Page - NXP Semiconductors PCF8820 Datasheet HTML 3Page - NXP Semiconductors PCF8820 Datasheet HTML 4Page - NXP Semiconductors PCF8820 Datasheet HTML 5Page - NXP Semiconductors PCF8820 Datasheet HTML 6Page - NXP Semiconductors PCF8820 Datasheet HTML 7Page - NXP Semiconductors PCF8820 Datasheet HTML 8Page - NXP Semiconductors PCF8820 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
2000 Dec 07
5
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
6
PINNING
6.1
Pad configuration
The pad configuration is shown in Fig.32.
SYMBOL
PAD
DESCRIPTION
R0 to R22
3 to 25
LCD row driver outputs (block 1)
R23 to R33
232 to 222
LCD row driver outputs (block 2)
R34 to R55
148 to 127
LCD row driver outputs (block 3)
R56 to R66
151 to 161
LCD row driver outputs (block 4)
C0 to C100
26 to 126
LCD column driver outputs
VSS1
206 to 211
ground supply 1
VSS2
198 to 203
ground supply 2
VDD1
179 to 184
supply voltage 1 of logic
VDD2
188 to 194
supply voltage 2 of high voltage generator; temperature read-out
VDD3
185 to 187
supply voltage 3 of high voltage generator; temperature read-out
VLCDOUT
173 to 178
voltage multiplier output
VLCDSENSE
172
voltage multiplier regulation input
VLCDIN
166 to 171
supply voltage for LCD (bias voltage generator)
V2
165
LCD intermediate bias voltage 2; for test purposes only
V3
164
LCD intermediate bias voltage 3; for test purposes only
V4
163
LCD intermediate bias voltage 4; for test purposes only
V5
162
LCD intermediate bias voltage 5; for test purposes only
SDA_IN
195 and 196
serial data input
SDA_OUT
197
serial data output (acknowledge)
SCL
215 and 216
serial clock input
SA0
204
I2C-bus slave address input 0 (bit 0)
SA1
214
I2C-bus slave address input 1 (bit 1)
OSC
220
oscillator signal input
RES
219
external reset input (active LOW)
T1
205
test 1 input
T2
221
test 2 output
T3
212
test 3 I/O
T4
213
test 4 I/O
T5
217
test 5 input
T6
218
test 6 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com