Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 3Page - NXP Semiconductors PCF8820 Datasheet HTML 4Page - NXP Semiconductors PCF8820 Datasheet HTML 5Page - NXP Semiconductors PCF8820 Datasheet HTML 6Page - NXP Semiconductors PCF8820 Datasheet HTML 7Page - NXP Semiconductors PCF8820 Datasheet HTML 8Page - NXP Semiconductors PCF8820 Datasheet HTML 9Page - NXP Semiconductors PCF8820 Datasheet HTML 10Page - NXP Semiconductors PCF8820 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
2000 Dec 07
7
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
6.2.12
SLAVE ADDRESS INPUTS
These inputs (SA0 and SA1) allow up to four PCF8820
drivers to be controlled on the same I2C-bus. Inputs SA0
and SA1 represent respectively bit 0 and bit 1 of the slave
address.
6.2.13
OSCILLATOR SIGNAL INPUT
Pad OSC must be connected directly to VDD1 when the
on-chip oscillator is used. No external components are
required. It should be noted that any voltage drop of VDD1
may affect the performance of the on-chip oscillator.
An external clock must be connected to input OSC.
6.2.14
EXTERNAL RESET INPUT
A LOW-level on input RES initializes the chip.
6.2.15
TEST PADS
The test pads (T1, T2, T3, T4, T5 and T6) must not be
accessible to the user.
Pads T1, T3 and T4 must be connected to VSS1, pad T5
must be connected to VDD1, and pads T2 and T6 must be
left open-circuit.
7
FUNCTIONAL DESCRIPTION
7.1
Oscillator
The on-chip oscillator provides the clock signal for the LCD
system. The clock mode is controlled via the I2C-bus
interface. A clock signal must always be present, except in
the Power-down mode, to prevent the LCD entering a
DC state.
7.2
I2C-bus interface controller
The I2C-bus interface controller receives and executes the
commands sent via the I2C-bus. The PCF8820 acts as an
I2C-bus slave receiver/transmitter and therefore it cannot
control the bus communication.
7.3
Input filters
RC low-pass filters are provided on inputs SDA_IN, SCL
and RES to enhance noise immunity in electrically
adverse environments.
7.4
Display Data RAM (DDRAM)
The PCF8820 contains a 67
× 101 × 2-bit static RAM,
which stores the display data. The RAM comprises
17 banks of 101 bytes (17
× 101 × 8 bits). Not all of the
last bank is implemented. During RAM access, data is
transferred to the RAM via the I2C-bus interface controller.
7.5
Timing generator
The timing generator produces the various signals
required to drive the internal circuitry. Internal chip
operation is not affected by operations on the I2C-bus.
7.6
Address counter
The address counter generates write addresses to the
DDRAM. During a write operation, display data is stored at
the addressed locations.
7.7
Display address counter
The display address counter generates read addresses to
the DDRAM. During a read operation, display data is read
out to the LCD.
7.8
Command decoder
The command decoder receives command words which
are followed by data byte(s) from the I2C-bus. The
command decoder identifies the command words and
determines the destination for the data byte(s).
7.9
Column driver outputs
The LCD driver section has 101 outputs (C0 to C100)
which should be connected directly to the column drive
inputs of the LCD. The column driver signals are
generated in accordance with the multiplexed row signals
and with the data in the display data latch.
The programmed grey-scale levels are built-up in the LCD
over four frames (N11,N12,N13 and N14) as shown in
Figs 3, 4 and 5.
7.10
Row driver outputs
The LCD driver section has 67 outputs (R0 to R66) which
should be connected directly to the row drive inputs of the
LCD. The row driver signals are generated in accordance
with the selected LCD drive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com