Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 12Page - NXP Semiconductors PCF8820 Datasheet HTML 13Page - NXP Semiconductors PCF8820 Datasheet HTML 14Page - NXP Semiconductors PCF8820 Datasheet HTML 15Page - NXP Semiconductors PCF8820 Datasheet HTML 16Page - NXP Semiconductors PCF8820 Datasheet HTML 17Page - NXP Semiconductors PCF8820 Datasheet HTML 18Page - NXP Semiconductors PCF8820 Datasheet HTML 19Page - NXP Semiconductors PCF8820 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
2000 Dec 07
16
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
7.18.3
SYSTEM CONFIGURATION
Thd system components are defined below (see Fig.13):
• Transmitter: the device which sends data to the bus
• Receiver: the device which receives data from the bus
• Master: the device which initiates a transfer, generates
clock signals and terminates a transfer
• Slave: the device addressed by a master
• Multi-master: more than one master can attempt to
control the bus at the same time without corrupting the
message
• Arbitration: procedure to ensure that, if more than one
master simultaneously tries to control the bus, only one
is allowed to do so and the message is not corrupted
• Synchronization: procedure to synchronize the clock
signals of two or more devices.
7.18.4
ACKNOWLEDGE
Each 8-bit data byte transferred over the bus must be
followed by an acknowledge bit (see Fig.14).
During the acknowledge clock pulse a HIGH-level signal is
put on the bus by the transmitter.
A slave receiver which is addressed must generate an
acknowledge bit after the reception of each data byte.
A master receiver must generate an acknowledge bit after
receiving a data byte that has been clocked out of the
slave transmitter. The device that acknowledges must
pull-down the SDA line to a LOW-level during the
acknowledge clock pulse. Set-up and hold times must be
taken into consideration to ensure that the SDA line is
stable during the HIGH period of the acknowledge related
clock pulse.
A master receiver must signal an end-of-data to the slave
transmitter by not generating an acknowledge bit on the
last byte that has been clocked out of the slave transmitter.
In this event the slave transmitter must leave the data line
HIGH to allow the master to generate a STOP condition.
For the PCF8820 the acknowledge bit is output at
pad SDA_OUT.
MGA807
SDA
SCL
MASTER
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
SLAVE
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
MASTER
TRANSMITTER/
RECEIVER
Fig.13 System configuration.
handbook, full pagewidth
MBC602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
SCL FROM
MASTER
Fig.14 Acknowledgement on the I2C-bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com