Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 24Page - NXP Semiconductors PCF8820 Datasheet HTML 25Page - NXP Semiconductors PCF8820 Datasheet HTML 26Page - NXP Semiconductors PCF8820 Datasheet HTML 27Page - NXP Semiconductors PCF8820 Datasheet HTML 28Page - NXP Semiconductors PCF8820 Datasheet HTML 29Page - NXP Semiconductors PCF8820 Datasheet HTML 30Page - NXP Semiconductors PCF8820 Datasheet HTML 31Page - NXP Semiconductors PCF8820 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
2000 Dec 07
28
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
8.1.9
DIRECT DRIVE MODE
The voltage multiplier is in the direct drive mode
(VLCDOUT =VDD2) in the following settings (see Table 8):
• If bit DM = 1 and Power-down mode (bit PD = 1)
• If bit DM = 1 and display off mode (bit DOF = 1)
• If bit DM = 1 and high voltage generator is disabled
(bit HVE = 0).
It is recommended to always select the direct drive mode
before switching on the voltage multiplier. This is a feature
which can be used to reduce VLCDOUT very quickly, or to
avoid high current when the voltage multiplier starts up.
Output VLCDOUT is high-impedance when bit DM = 0 and
bit PD = 1, bit DM = 0 and bit DOF = 0 or when bit DM = 0,
bit PD = 0 and bit HVE = 0.
Table 8
Output VLCDOUT as a function of bits DM, HVE,
PD and DOF; note 1
Note
1. X = don’t care.
8.1.10
FRAME FREQUENCY CALIBRATION
The PCF8820 uses on-chip software to calibrate the frame
frequency. After reset, the frame frequency calibration is
disabled (bit OC = 0). Frame frequency calibration can
only be performed if the PCF8820 is not in Power-down
mode or in the partial screen mode.
The calibration is initiated by setting bit OC = 1 and is
stopped by setting bit OC = 0. The time between
calibration start and stop must be 190
µs to give a frame
frequency of 77 Hz (typical value).
All other commands are allowed during a calibration.
The frame frequency calibration uses a pre-divider which
has a range from 1 : 1 to 1 : 15. The default ratio after reset
is 1 : 4. The calibration period determines the pre-divider
ratio for the oscillator frequency or external clock signal.
The resulting frame frequency is calculated by the
equation:
where fclk can be either the internal oscillator clock signal
or an external clock signal source.
Figure 21 shows the resulting frame frequency at different
clock frequencies and at different pre-divider ratios, for a
calibration period of 190
µs.
The frame frequency calibration can also be used to set
the frame frequency to a lower than typical value with a
corresponding reduction in current consumption. The
necessary calibration period (time between calibration
start and stop) can be estimated by the equation:
where tcal is the calibration time in µs and fframe is the
desired frame frequency in Hz.
Figure 22 shows the resulting frame frequency as a
function of the calibration period at different pre-divider
ratios at a clock frequency of 336 kHz.
8.2
Reset and initialization
After power-on the content of all internal registers
including the DDRAM are in an undefined state. A reset
pulse must be applied within a specified time to reset all
internal registers. A reset can be achieved by applying an
external reset pulse (active LOW) to pad RES. When reset
occurs within the specified time all internal registers are
reset, however the DDRAM is still undefined.
After VDD1 has reached its minimum value, the RES input
level must be
≤0.3VDD1 after a maximum time tsu
(see Fig.24).
After reset the state of the PCF8820 is as follows:
• Default values of bits and registers as seen in Table 3
• All row and column outputs are at VSS (display off)
• VLCDOUT is high-impedance
• RAM data is undefined.
DM
HVE
PD
DOF
VLCDOUT
0
X
1
X
high Z
0
X
X
1
high Z
0
0
0
0
high Z
1000
VDD2
1X1X
VDD2
1X
X1
VDD2
X
1
0
0
internally generated VLCD
f
frame
f
clk
1088
-------------
pre-divider ratio
×
Hz
[]
=
t
cal
77 (Hz)
190
µs
()
×
f
frame
-------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com