Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 19Page - NXP Semiconductors PCF8820 Datasheet HTML 20Page - NXP Semiconductors PCF8820 Datasheet HTML 21Page - NXP Semiconductors PCF8820 Datasheet HTML 22Page - NXP Semiconductors PCF8820 Datasheet HTML 23Page - NXP Semiconductors PCF8820 Datasheet HTML 24Page - NXP Semiconductors PCF8820 Datasheet HTML 25Page - NXP Semiconductors PCF8820 Datasheet HTML 26Page - NXP Semiconductors PCF8820 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
2000 Dec 07
23
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
GR1, GR0
grey-scale register selection:
00
00
register 0: applied if DDRAM content is 00
01
register 1: applied if DDRAM content is 01
10
register 2: applied if DDRAM content is 10
11
register 3: applied if DDRAM content is 11
GS5 to GS0
0−
grey-scale level bits; in the reset state all 4 grey-scale registers are reset to 0;
see Section 8.1.8
DOF
display on/off
0
display on
1
1
display off: the state of the PCF8820 is equivalent to Power-down mode
(bit PD = 1). However, temperature measurement is still possible
DM
drive of voltage multiplier
0
0
no direct drive
1
direct drive: VLCDOUT =VDD2; see Section 8.1.9
EC
clock selection
0
internal clock
1
external clock
OC
oscillator setting; see Section 8.1.10
0
0
stop calibration of frame frequency
1
start calibration of frame frequency
TRS
top rows
0
0
not swapped
1
swapped: the signals for row driver outputs R23 to R33 appear at outputs
R56 to R66, and the signals for row driver outputs R56 to R66 appear at
outputs R23 to R33
BRS
bottom rows
0
0
not swapped
1
swapped: the signals for row driver outputs R0 to R22 appear at outputs
R34 to R55, and the signals for row driver outputs R34 to R55 appear at outputs
R0 to R22
BIT
RESET
STATE
VALUE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com