Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 43Page - NXP Semiconductors PCF8820 Datasheet HTML 44Page - NXP Semiconductors PCF8820 Datasheet HTML 45Page - NXP Semiconductors PCF8820 Datasheet HTML 46Page - NXP Semiconductors PCF8820 Datasheet HTML 47Page - NXP Semiconductors PCF8820 Datasheet HTML 48Page - NXP Semiconductors PCF8820 Datasheet HTML 49Page - NXP Semiconductors PCF8820 Datasheet HTML 50Page - NXP Semiconductors PCF8820 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
2000 Dec 07
47
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
13.4
Application for COG
The PCF8820 physical pad positions are optimized for
single plane wiring e.g. for Chip-On-Glass (COG) display
modules (see Fig.30). The pad lines are as follows:
• 3 input/output lines: SDA, SCL and RES
• 101 column driver lines
• 33 and 34 row driver lines
• pads SA0, SA1 and OSC can be tied in the application
to appropriate levels.
For COG applications, it is recommended that the Indium
Tin Oxide (ITO) track resistance is minimized for the I/O
and power supply connections. These connections should
have an optimum track resistance of <50
Ω for the power
supply connections and <100
Ω for the I/O connections.
Increasing the track resistance reduces the performance
and increases the current consumption.
The common supply resistor values especially, have to be
minimized (<5
Ω for high supply voltage VP1, VLCD and
GND).
The minimum value required for the external capacitors is:
• Cext1 > 470 nF (Cext1 >Cext2 recommended)
• Cext2 > 100 nF (470 nF to 1 µF recommended).
A higher value of the capacitors is recommended to reduce
the ripple voltage.
handbook, full pagewidth
MGT137
3
LCD
(67
× 101 pixels)
VP1
I/O
GND
Cext1
Cext2
Rsupply
Rcommon
RI/O
VLCD
PCF8820
101 colum drivers
34 row drivers
33 row drivers
Fig.30 Application diagram for COG display module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com