Electronic Components Datasheet Search
  English  ▼

X  

PCF8820 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 29Page - NXP Semiconductors PCF8820 Datasheet HTML 30Page - NXP Semiconductors PCF8820 Datasheet HTML 31Page - NXP Semiconductors PCF8820 Datasheet HTML 32Page - NXP Semiconductors PCF8820 Datasheet HTML 33Page - NXP Semiconductors PCF8820 Datasheet HTML 34Page - NXP Semiconductors PCF8820 Datasheet HTML 35Page - NXP Semiconductors PCF8820 Datasheet HTML 36Page - NXP Semiconductors PCF8820 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
2000 Dec 07
33
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
Notes
1. The minimum value for VLCDIN is limited by the supply voltages VDD1 and VDD2:
a) For VDD1 ≤ 4.5 V and VDD2 ≤ 4.5 V: VLCDIN > 4.5 V.
b) For VDD1 > 4.5 V or VDD2 > 4.5 V: VLCDIN > highest value of VDD1 or VDD2.
2. All static currents are switched off in Power-down mode; no external clock.
3. VDD1 =VDD2 =VDD3 = 2.75 V; LCD outputs are open-circuit; inputs connected to VDD1 or VSS1; I2C-bus inactive;
external clock with fext = 336 kHz; Tamb =27 °C.
4. The typical currents are measured on a sample base with the DDRAM and grey-scale registers loaded with data
which would produce the display shown in Fig.23 if an LCD was connected. Extensive use of grey-scales will
increase current consumption compared to black and white mode. If specified, the maximum current is tested with a
regular pattern which is equivalent in current to the display shown in Fig.23.
5. Voltage multiplier disabled; pins VLCDIN, VLCDOUT and VLCDSENSE connected together.
TC5
temperature coefficient 5
−−2.55 × 10−3 −
K−1
TC6
temperature coefficient 6
−−2.72 × 10−3 −
K−1
TC7
temperature coefficient 7
−−2.98 × 10−3 −
K−1
REFERENCE TEMPERATURE
Tcp
cut-point temperature
−
23
−°C
Temperature read-out
a
conversion constant
−
1.13
−°C/bit
atol
tolerance of a
same supply voltage VDD
−−
10
%
repeatability
−−
1
bit
affect of changing VDD
−−
0.5
bit/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
handbook, full pagewidth
MGT131
Fig.23 Display used to define DDRAM and grey-scales for current measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com