Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Type 8222
4 | 24
Visit product website 
1.
General technical data
1.1. About the device
The conductivity measurement device consists of a sensor available with three cell constants C plugged-in and pinned to the transmitter.
The device is available in an ELEMENT standard variant or in an ELEMENT neutrino variant. The process connection of both variants is
made via a G 1½" nut in PVC or PVDF; or for the ELEMENT neutrino variant via a G ¾" thread.
The ELEMENT standard variant is available with up to two 4…20 mA analogue outputs or with up to two transistor outputs.
The ELEMENT neutrino variant is available with a 4…20 mA analogue output or with digital communication.
The device with digital communication is distinguished by a status indicator on the cover, and is offered with a housing in metal (so-called
metallic variant) or in plastic (so-called all-plastic variant for corrosive environmental conditions like in the electronic & semiconductor indus-
try market).
The metallic variant is provided with a digital IO-Link and büS (Bürkert system bus, CANopen protocol) communication, the all-plastic
variant with a digital IO-Link communication (büS available only for service activities such as configuration or calibration).
1.2. All variants
Note:
• The following data applies to all variants mentioned above.
• If the device is mounted in a humid environment or outside, then the maximum voltage allowed is 35 V DC instead of 36 V DC.
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “3.1. Bürkert resistApp” on page 10.
Further information on the materials can be found in chapter “3.2. Material specifications” on page 10.
Wetted parts
Probe holder
PVDF, stainless steel 1.4571 (316Ti)
Electrode
For cell constant:
• C = 0.01 cm-1: stainless steel 1.4571 (316Ti)
• C= 0.1 cm-1: stainless steel 1.4571 (316Ti)
• C = 1 cm-1: graphite
Compatibility
Any pipe which is fitted with Bürkert S022 adaptor.
See data sheet Type S022  for more information.
Pipe diameter
DN 32…DN 110 (DN 06…DN 25 under specific conditions)
Dimensions
Further information can be found in chapter “4. Dimensions” on page 12.
Probe
With cell constant
• C = 0.01 cm-1
• C= 0.1 cm-1
• C = 1 cm-1
Temperature sensor
Pt1000 integrated within the holder
Measuring range
Conductivity measurement
0.05 µS/cm…10 mS/cm
Temperature measurement
- 20…+ 100 °C (- 4…+ 212 °F)
Performance data
Conductivity measurement
Measurement deviation
± 3 % of measured value
Measuring range resolution
1 nS/cm
Temperature measurement
Measurement deviation
± 1 °C (1.8 °F)
4…20 mA output uncertainty
± 1 % of current range
Electrical data
Power source (not supplied)
Limited power source according to UL/EN 62368-1 standards or limited energy circuit according to UL/
EN 61010-1 paragraph 9.4
DC reverse polarity protection
Yes
Overvoltage protection
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com