Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Visit product website 
DATA SHEET
Type 8611
eCONTROL - Universal
controller
Type 8619
multiCELL - Multi-channel
and multi-function
transmitter/controller
Type 8693
Digital electro-pneumatic
process controller for
integrated mounting on
process control valves
Type 8802
ELEMENT continuous
control valve systems -
overview
Type S022
Insertion adaptor/fitting
for ELEMENT analytical
measurement devices
Standard | EU | en | 2024-03-26 | 16
Conductivity meter, ELEMENT design
• Perfect for clean water and slightly concentrated liquids
• Measurement device for direct connection to the monitoring level (PLC)
via analogue 4…20 mA signal or digital IO-Link or Bürkert system bus
(büS)/CANopen communication
• Parameterisation, calibration and transfer of parameterisation data all
possible thanks to a removable display/configuration module
• Simulation of process values for diagnostics
• Universal process connection, three different cell constants to cover a
wide range of applications such as reverse osmosis
The Bürkert conductivity meter Type 8222 is designed for measuring the conduc-
tivity of fluids.
The sensor element comprises a two-electrode cell and a Pt1000 temperature
probe. The sensor itself is available with three different cell constants C. These with
C= 0.01 or 0.1 cm-1 are fitted with stainless steel electrodes and those with
C= 1.0 cm-1 are fitted with graphite electrodes. Thus, due to the measurement
device’s design, Bürkert has simplified installation and maintenance work.
The device Type 8222 is available in two variants.
The first one, the so-called ELEMENT standard is proposed either with three
adjustable outputs (two digital outputs and one analogue output) or with four
adjustable outputs (two digital and two analogue) and can be equipped with a dis-
play. The display is only necessary for start-up, configuration (e.g. measuring
range, units, calibration, thresholds) or as a display of process values.
The second variant, the so-called ELEMENT neutrino is a 2-wire device, without
display, with a 4…20 mA current output or with a digital communication mode that
can communicate either in IO-Link or in büS (Bürkert system bus based on CAN-
open).
Both variants are available with a G 1½" union nut for installation in an adaptor with
a G 1½" external thread sensor connection. The adaptor is mounted into the pro-
cess. The ELEMENT neutrino variant is also proposed with a G ¾" external thread
for screwing into an adaptor with a G ¾" internal thread sensor connection.
The device Type 8222 converts the measuring signal and computes the output
signals, which are provided via one or two M12 plug connections for the ELEMENT
standard variant as well as via one M12 plug connection or on a terminal strip via a
cable gland for the ELEMENT neutrino variant. The device in the ELEMENT stand-
ard variant shows several values in different measuring units (if display is mounted).
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8222
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8802

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8802 BURKERT-8802 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
8802 BURKERT-8802 Datasheet
1Mb / 39P
Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
12.01.2024
8802 BURKERT-8802 Datasheet
825Kb / 14P
Inline flowmeter for continuous measurements
15.12.2023
8802 BURKERT-8802 Datasheet
444Kb / 8P
Paddle-wheel sensor for low-flow rates
15.12.2023
8802 BURKERT-8802 Datasheet
1Mb / 23P
Inline flowmeter or Inline batch controller, with paddle wheel
18.12.2023
More results

Similar Description - 8802

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350-P EXTECH-341350-P Datasheet
219Kb / 1P
pH/Conductivity Meter with TDS
EC400 EXTECH-EC400 Datasheet
187Kb / 11P
Conductivity / TDS / Salinity / Temperature Meter
EC500 EXTECH-EC500 Datasheet
187Kb / 14P
pH/Conductivity / TDS / Salinity / Temperature Meter
logo
Microchip Technology
PIC18F87J72 MICROCHIP-PIC18F87J72_11 Datasheet
2Mb / 50P
Single-Phase Energy Meter Reference Design
2011
MCP3901 MICROCHIP-MCP3901_12 Datasheet
2Mb / 46P
Energy Meter Reference Design
2012
logo
Extech Instruments Corp...
341350A-P EXTECH-341350A-P Datasheet
206Kb / 1P
pH/Conductivity/TDS/ORP/Salinity Meter
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
logo
Maxim Integrated Produc...
DS26503DK MAXIM-DS26503DK Datasheet
1Mb / 30P
T1/E1/J1 BITS Element Design Kit
REV: 031507
logo
Endress+Hauser Group Se...
CLS52 EH-CLS52 Datasheet
618Kb / 16P
Inductive conductivity sensor with fast temperature measurement and hygienic design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com