| Electronic Components Datasheet Search |
|
8802 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8802 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG |
|
19 / 24 page ![]() Type 8222 19 | 24 Visit product website 11. Ordering information 11.1. Bürkert eShop Bürkert eShop – Easy ordering and quick delivery You want to find your desired Bürkert product or spare part quickly and order directly? Our online shop is available for you 24/7. Sign up and enjoy all the benefits. Order online now 11.2. Recommendation regarding product selection Note: When only ordering devices without a display/configuration module, make sure that you have a display/configuration module at least for parameterising the device. Otherwise you must also order one (see chapter “11.5. Ordering chart accessories” on page 23). A complete conductivity measurement equipment consists of an conductivity meter Type 8222 (ELEMENT standard or ELEMENT neutrino variant), a removable display/configuration module (only for ELEMENT standard variant) and a Bürkert Insertion adaptor Type S022 with a G 1½" external threaded (for ELEMENT standard or ELEMENT neutrino variant) or G ¾" internal threaded sensor connection (only for ELEMENT neutrino variant). See data sheet Type S022 for more information. Two or three different components must be ordered in order to select a complete device. The following information is required: • Article no. of the desired 8222 conductivity meter ELEMENT standard variant without display/configuration module or ELEMENT neutrino variant (see chapter “11.4. Ordering chart” on page 20) • Article no. of the removable display/configuration module, if necessary for the ELEMENT standard variant (see chapter “11.5. Ordering chart accessories” on page 23) • Article no. of the selected S022 Insertion adaptor with G 1½" external threaded (for ELEMENT standard or ELEMENT neutrino variant with union nut) or G ¾" internal threaded sensor connection (only for ELEMENT neutrino variant to be screwed). See data sheet Type S022 . 11.3. Bürkert product filter Bürkert product filter – Get quickly to the right product You want to select products comfortably based on your technical requirements? Use the Bürkert product filter and find suitable articles for your application quickly and easily. Try out our product filter |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |