Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 18 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 18 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Type 8222
18 | 24
Visit product website 
9.
Product accessories
Note:
To configure a device with a digital communication, use the USB-büS interface Type 8923 and the Bürkert Communicator software
Type 8920.
See Software manual Type 8920  for more information.
Accessories
No. Description
USB-büS interface set 1
1
2
3
4
7
8
10
9
5
6
USB-büS interface set 2
5
7
8
1
Quick-Start
2
Power supply: 100…240 V AC/ 24 V DC 1 A and adaptors for power supply
worldwide use
3
büS terminating resistor on büS Y-splitter
4
5-pin M12 male connector wired on free end cable, cable length: 0.2 m
5
büS connection cable with 5-pin M12 male connector, micro USB B plug, cable
length: 0.3 m
6
büS adaptor with 5-pin M12 male connector, A-coded to 5-pin M12 male
connector, A-coded
7
büS stick (USB to büS/CANopen adaptor)
8
büS service cable with 5-pin M12 female connector, mini USB plug and circular
female connector for power supply, cable length: 0.7 m
9
Magnetic key
10 CD - Communicator (30-day license without registration, update and licensing
over Bürkert home page)
10. Networking and combination with other Bürkert products
Example:
Type 8222
Type S022 
Insertion adaptor/fitting for
ELEMENT analytical
measurement devices
Type 8802 
ELEMENT continuous control
valve systems
Type 8611 
eCONTROL -
Universal controller
Type 8619 
multiCELL -
transmitter/controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com