Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Type 8222
8 | 24
Visit product website 
Voltage supply cable
• For connector:
The female M12 connector is not included in the delivery and must be ordered separately, see
chapter “11.5. Ordering chart accessories” on page 23.
For this connector, use according to the output of the device:
– a shielded cable with:
– diameter of 3…6.5 mm
– cross section of wires: max. 0.75 mm²
– a Canopen standard cable for Bürkert system bus (büS)/CANopen communication, max. 50 m
length
– a standardised industrial cable (unshielded 3- or 4-wire cable) for IO-Link communication, max.
20 m length
• For terminal strip via a cable gland (measuring data acc. to CEI 664-1/VDE 0110 (4.97 use a cable):
– solid H05(07) V-U: 0.25…1.5 mm2
– flexible H05(07) V-K: 0.25…1.5 mm2
– with wire end ferrule: 0.25…1.5 mm2
– with plastic collar ferrule: 0.25…0.75 mm2
– diameter: 4…8 mm
Medium data
Fluid temperature
• Device with G ¾" external threaded connection: - 20…+ 100 °C (- 4…+ 212 °F) restricted by the used
adaptor
• Restriction with adaptor S022 in PVC: 0…+ 50 °C (+ 32…+ 122 °F)
Process/Pipe connection & communication
Process connection
G ¾" external threaded for use with Type S022 adaptor
See data sheet Type S022  for more information.
Electrical connection
• 1 x 5-pin free positionable M12 male connector or
• Terminal strip via 1x cable gland M16 × 1.5
Data transfer
Digital communication: büS
External communication
Through büS (Bürkert system bus, CANopen protocol)
Digital communication: IO-Link
Communication interface
IO-Link device V1.1.2
SIO mode
No
Baud rate (data transfer rate)
COM 3 (230.4 kBaud)
Type of ports
Class A
Cycle time
Min. 5 ms
Process data width
48 Input bits, 8 Output bits
IO-Link data storage
Yes
Block configuration
No
IO device description (IODD)
The device description is available in the operating instructions which can be found on our website
under the “User Manuals” heading for Type 8222 . Alternatively, see “Device Description Files” under
the “Software” heading for Type 8222  or at https://ioddfinder.io-link.com
Environment and installation
Degree of protection
• IP65 1.), IP67 1.) (according to IEC/EN 60529)
• NEMA 4X and NEMA 6P (according to NEMA250) (with device installed on the fitting)
• UL50E
under the following simultaneous conditions:
• device wired
• cover screwed tight
• M12 connector or glands mounted and tightened
• with blind plug on unused cable glands
1.) Not evaluated by UL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com