Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Type 8222
15 | 24
Visit product website 
6.
Product installation
6.1. Installation notes
The ELEMENT standard or neutrino conductivity meter Type 8222 can be installed into any adaptor with G 1½" external threaded sensor
connection by just fixing the union nut. The ELEMENT neutrino conductivity meter with G ¾" external threaded connection can be installed
into any adaptor with G ¾" internal threaded (further information on threading dimensions plan can be found in chapter “With a G ¾" exter-
nal threaded connection” on page 13 ).
Select the required adaptor, taking in account the specific requirements of the sensor and adapter material (temperature and pressure), and
install it on a pipe.
For a mounting on a tank or a direct mounting on a pipe (DN 100 or DN 110), an adaptor with a G 1½" external threaded sensor connection
or with a G ¾" internal threaded sensor connection (depending on conductivity meter variant) must be used.
See data sheet Type S022  for more information about adaptor.
Carefully install the unit on the fitting. It can be installed in any position (prefer “A” mounting to install an 8222 neutrino with sensor
C = 0.1 or C = 0.01 cm-1).
In order obtain reliable measurements air bubbles must be avoided.
Please ensure that the mounting location provides a continuous and complete immersion of the probe in the flow stream.
A
A
ELEMENT standard variant
ELEMENT neutrino variant
The device must be protected from constant heat radiation and other environmental influences, such as direct exposure to sunlight.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com