Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Type 8222
10 | 24
Visit product website 
2.6. Foods and beverages/Hygiene
Conformity
Description
FDA
FDA – Code of Federal Regulations (valid for the variable code PL02, PL03)
The devices are compliant with the Code of Federal Regulations published by the FDA (Food and Drug Administra-
tion, USA) according to the manufacturer‘s declaration.
3.
Materials
3.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
3.2. Material specifications
ELEMENT standard variant
15
16
6
11
4
10
9
7
12
13
14
e.g. conductivity meter
with a cell constant
C = 1 cm-1
e.g. conductivity meter
with a cell constant
C = 0.1 or C = 0.01 cm-1
5
1
2
3
8
No. Element
Material
1
Cover
PC
2
Seal
Silicone
3
M12 fixed connector (female/
male)
Nickel-plated brass
4
Housing (top)
PPS
5
Fixed connector holder
PPS CF30
6
Seal
EPDM
7
Screws
Stainless steel 1.4301 (304 (A2))
8
Grounding terminal and screw
Stainless steel 1.4401 (316 (A4))
9
Housing (body)
Stainless steel 1.4404 (316L)
10
Seal
EPDM
11
Housing (base)
PPS
12
Probe holder
PVDF
13
Union nut
PVC or PVDF
14
Pt probe (C= 1 cm-1)
Stainless steel 1.4571 (316Ti)
15
Electrode (C= 1 cm-1)
Graphite
16
Pt Probe, electrode (C = 0.1 or
0.01 cm-1)
Stainless steel 1.4571 (316Ti)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com