Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Type 8222
11 | 24
Visit product website 
ELEMENT neutrino variant
e.g. conductivity meter
with a
G ¾" external
threaded connection
and a cell constant
C = 0.1 or 0.01 cm-1
e.g. conductivity meter
with a
G 1½" nut connection
and a cell constant
C = 1 cm-1
13
14
3
5
4
10
9
6
8
7
12
11
2
1
No. Element
Material
1
Light guide
PC, PMMA and NBR88 (only digital communi-
cation variant)
2
Cover
PPS
3
Seal
EPDM
4
M12 male fixed connector
• PA66 (4…20 mA output variant and digital
communication all-plastic variant)
• Nickel-plated brass (digital communication
metallic variant)
or cable gland
PA66 (only 4…20 mA output variant)
5
Grounding terminal
Nickel-plated brass (only digital communication
metallic variant)
6
Housing (top)
• PPS (digital communication all-plastic
variant)
• Stainless steel 1.4404 (316 L), PPS
(4…20 mA output variant and digital
communication metallic variant)
7
Seal
EPDM
8
Housing (base)
PPS
9
Union nut
PVC (or PVDF on request)
10 Probe holder
PVDF
11 Pt probe (C= 1 cm-1)
Stainless steel 1.4571 (316Ti)
12 Electrode (C= 1 cm-1)
Graphite
13 Seal
EPDM
14 Pt Probe, electrode (c= 0.1 or
0.01 cm-1)
Stainless steel 1.4571 (316Ti)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com