Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Type 8222
16 | 24
Visit product website 
7.
Product operation
7.1. Measuring principle
Conductivity is defined by the property of a solution to conduct electrical current. The charge carriers are ions (e.g. dissolved salts or acids).
Regarding this device, the measurement cell consists of two electrodes which are set at a fixed distance apart and with a known specified
surface. The measured current is a direct function of the quantity of ions contained in the solution, and with help of Ohm’s law the conduc-
tivity is calculated.
There are countless types of conductivity probes whose measurement values vary by a great margin - depending on the electrode
assembly. To compensate for the geometry of the conductivity cell a cell constant is used: Conductivity [S/cm] = Measurement [S] x Cell
constant [1/cm].
The conductivity transmitter can be fitted with 3 different measuring cells with constants C = 0.01; 0.1 and 1.0 cm-1.
C = 0.1 cm-1
C = 1 cm-1
C = 0.01 cm-1
The sensor is selected according to the measuring range and medium by using the table below.
C = 0.01 cm-1
C = 0.1 cm-1
C = 1.0 cm-1
MΩ.cm
KΩ.cm
µS/cm
mS/cm
ultra-
pure
water
pure
water
industrial
water
sewage
water
The meter is either a two wire device (3 outputs transmitter ELEMENT standard variant or ELEMENT neutrino variant) or a three wire device
(4 outputs transmitter ELEMENT standard variant) which requires a power supply of 14 V DC (3 outputs transmitter ELEMENT standard
variant) or 12 V DC (4 outputs transmitter ELEMENT standard variant or ELEMENT neutrino variant) up to 36 V DC and delivers a 4…20 mA
standard signal proportional to the conductivity and/or to the temperature of the fluid as output signal.
The measurement range on which the 4…20 mA output must match is selectable for
• the ELEMENT standard variant through a display/configuration module and
• the ELEMENT neutrino variant through a rotary switch. This measurement range can also be customized on request (contact your
nearest Bürkert office).
The electrical connection is provided via one or two M12 connectors for the ELEMENT standard variant or via one free positionable M12
male connector or terminal strip through cable gland for the ELEMENT neutrino variant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com