Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 23 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 23 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Type 8222
23 | 24
Visit product website 
11.5. Ordering chart accessories
Description
Article no.
Seals
For ELEMENT neutrino variant
EPDM seal for measuring device with G ¾" external thread process connection 1.)
561955 
EPDM seal for cover/housing sealing
561752 
Spare part
For ELEMENT standard variant
Opaque cover with seal (1 screw cover with EPDM seal + 1 quarter turn closing cover with silicone seal)
560948 
Transparent cover with seal (1 screw cover with EPDM seal + 1 quarter turn closing cover with silicone seal)
561843 
Electrical connection
For all variants
M12 female connector with plastic threaded clamping ring, 5-pin, straight, to be wired
917116 
M12 female connector with moulded cable (shielded), 5-pin, straight, cable length: 2 m
438680 
For ELEMENT standard variant
M12 male connector with plastic threaded clamping ring, 5-pin, straight, to be wired
560946 
M12 male connector with moulded cable (shielded), 5-pin, straight, cable length: 2 m
559177 
Configuration accessory
For ELEMENT standard variant
Removable display/configuration module (with instruction sheet)
559168 
For all variants
Buffer solution, 300 ml, conductivity standard: 5 µS/cm, ± 1 % accuracy
440015 
Buffer solution, 300 ml, conductivity standard: 15 µS/cm, ± 5 % accuracy
440016 
Buffer solution, 300 ml, conductivity standard: 100 µS/cm, ± 3 % accuracy
440017 
Buffer solution, 300 ml, conductivity standard: 706 µS/cm, ± 2 % accuracy
440018 
Buffer solution, 300 ml, conductivity standard: 1413 µS/cm, ± 1 % accuracy
440019 
System Connect
Type ME43 Gateway/Interface
Industrial Ethernet gateway (PROFINET IO, EtherNet/IP, Modbus TCP, EtherCAT®)
307390 
PROFIBUS gateway (PROFIBUS DPV1)
307393 
Type ME61 Display
FieldConnect ME61 3.5" display (8.9 cm)
368544 
EDIP Accessories
büS Stick Set
USB-büS interface set 1 (Type 8923)
Further information can be found in chapter “9. Product accessories” on page 18.
772426 
USB-büS interface set 2 (Type 8923)
Further information can be found in chapter “9. Product accessories” on page 18.
772551 
Connectors
büS M12 female connector, 5-pin, straight, A-coded
772416 
büS M12 male connector, 5-pin, straight, A-coded
772417 
büS M12 female connector, 5-pin, angled, A-coded
772418 
büS M12 male connector, 5-pin, angled, A-coded
772419 
büS Y-distributor (M12 female connector, 5-pin to M12 male and female connectors, 5-pin)
772420 
büS Y-distributor with power interrupt (M12 female connector, 5-pin to M12 male and female connectors, 5-pin)
772421 
büS adaptor (M12 male connector, 5-pin, A-coded to M12 male connector, 5-pin, A-coded)
772867 
büS terminating resistor 120 ohms, M12 male connector, 5-pin
772424 
büS terminating resistor 120 ohms, M12 female connector, 5-pin
772425 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com