Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Type 8222
17 | 24
Visit product website 
8.
Product design and assembly
8.1. Product assembly
Note:
The Type 8222 device can be installed with the help of the Type S022 adaptor or fitting with
• G 1½" external threaded sensor connection for ELEMENT standard and neutrino variant or
• G ¾" internal threaded connection for only ELEMENT neutrino variant
into pipe systems or containers.
See data sheet Type S022  for more information.
The conductivity meter consists of a sensor available with three different cell constants C, plugged-in and pined to an enclosure with cover,
containing the electronic module. The sensor holder comprises a cell with two electrodes and a Pt1000 temperature sensor.
A removable display/configuration module complements the ELEMENT standard device variant. The conductivity meter can operate
independently of this module, but it will be required for configuration of the device (i.e. set parameters, restore default parameters, configure
information to be displayed, enter access codes, adjust 4…20 mA output(s) …) and also for visualizing continuously the measured and
processed data.
Insertion adaptor Type S022
with G 1½"external threaded sensor connection
Removable display/configuration module
(separately available)
Conductivity meter Type 8222
ELEMENT standard version
Complete ELEMENT device
standard version
for conductivity measurement
Fitting
(example only)
Conductivity meter Type 8222
ELEMENT neutrino version
- with G 1½" union nut connection
- with G ¾" external threaded connection
Complete ELEMENT device
neutrino version
for conductivity measurement
Fitting
(example only)
Insertion adaptor Type S022
with G ¾" internal threaded sensor connection
Complete ELEMENT device
neutrino version
for conductivity measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com