Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Type 8222
7 | 24
Visit product website 
Environment and installation
Degree of protection 1.) according
to IEC/EN 60529
IP65, IP67 under the following simultaneous conditions:
• device wired
• cover screwed tight
• M12 connector mounted and tightened
1.) Not evaluated by UL
1.4. ELEMENT neutrino variant
Product properties
Material
Further information on the materials can be found in chapter “3.2. Material specifications” on page 10.
Non wetted parts
Cover
PPS
Light guide
Digital communication variant: PC, PMMA and NBR88
Housing
• Analogue output variant: stainless steel 1.4404 (316L), PPS
• Digital communication variant:
– stainless steel 1.4404 (316L), PPS (metallic variant)
– PPS (all-plastic variant)
Grounding terminal
Nickel-plated brass (only metallic variant)
Union nut
PVC (PVDF on request)
Seal
EPDM
Fixed connector
• Analogue output variant: PA66
• Digital communication variant:
– nickel-plated brass (metallic variant)
– PA66 (all-plastic variant)
Cable gland
Analogue output variant: PA66
Temperature compensation
• None or
• According to a predefined graph
– linear (only for digital communication variant) or
– NaCl or
– ultra pure water (only with C = 0.01)
Electrical data
Operating voltage
12…36 V DC, filtered and regulated
Connection to main supply: permanent, through external SELV (Safety Extra Low Voltage) and LPS
(Limited Power Source) power supply
Current consumption
• Analogue output variant: ≤ 25 mA (with sensor)
• Digital communication variant: ≤ 50 mA (with sensor)
Input/Output
Digital input/output
Digital communication variant: through the communication interface
• Bürkert system bus (büS)/CANopen
• IO-Link
Analogue output
Analogue output variant:
• current of 4…20 mA
• response time (10 %…90 %): 5 s (standard)
• max. loop impedance: 1100 Ω at 36 V DC, 610 Ω at 24 V DC, 100 Ω at 12 V DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com