Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Type 8222
14 | 24
Visit product website 
5.
Performance specifications
5.1. Pressure temperature diagram
ELEMENT standard and ELEMENT neutrino variants
-20
0
20
40
60
80
Application range of 8222 ELEMENT standard and neutrino versions
A: device with PVC union nut
B: device with
- a PVDF union nut connection
(on request for ELEMENT neutrino version) or
- with a G ¾" external threaded connection
(only for ELEMENT neutrino version)
The measures have been made at an ambient temperature of 60 °C
B
Fluid temperature °C
0
2
4
6
8
10
12
14
100
A
16
PVDF
PVC
ELEMENT standard and ELEMENT neutrino variants installed with an S022 adaptor
-20
0
20
40
60
PVC
PP
Metal
Fluid temperature °C
0
2
4
6
8
10
12
14
16
-20
0
20
40
60
80
Fluid temperature °C
0
2
4
6
8
10
12
14
16
100
120
140
A
B
Application range of 8222 ELEMENT standard
and neutrino version with S022 adaptor,
A: device with PVC union nut
B: device with PVDF union nut
(on request, for ELEMENT neutrino version)
C: device with a G ¾" external threaded connection
(only for ELEMENT neutrino version)
-20
0
20
40
60
80
Fluid temperature °C
0
2
4
6
8
10
12
14
100
16
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com