Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Type 8222
6 | 24
Visit product website 
Temperature compensation
• None or
• According to a predefined graph
– linear or
– NaCl or
– ultra pure water or
• According to a graph defined especially for your process
Concentration
Conversion of conductivity to dissolved electrolyte concentration (Total dissolved solids (TDS)) by using
a user adjustable factor.
Product accessories
Display/configuration module
Grey dot matrix 128 x 64 with backlighting
Performance data
Conductivity measurement
Minimal scale
2 % of the full scale (i.e. for the sensor with C = 0.1: range from 100…104 µS corresponds to 4…20 mA
current output)
Temperature measurement
Measuring range resolution
0.1 °C (0.18 °F)
Minimal scale
10 °C (i.e. + 10…+ 20 °C (+ 50…+ 68 °F) corresponds to 4…20 mA)
Electrical data
Operating voltage
• 3 outputs transmitter (2-wire) variant: 14…36 V DC, filtered and regulated
• 4 outputs transmitter (3-wire) variant: 12…36 V DC, filtered and regulated
Connection to main supply: permanent, through external SELV (Safety Extra Low Voltage) and LPS
(Limited Power Source) power supply
Current consumption
With sensor
• ≤ 1 A (with transistors load)
• 3 outputs transmitter (2-wire) variant: ≤ 25 mA (at 14 V DC without transistors load, with current loop)
• 4 outputs transmitter (3-wire) variant: ≤ 5 mA (at 12 V DC without transistors load, without current
loop)
Output
Digital output
Transistor:
• adjustable as sourcing or sinking (respectively both as PNP or NPN ), open collector
• max. 700 mA
• 0.5 A max. per transistor if the 2 transistor outputs are wired
• NPN-output: 0.2…36 V DC
• PNP-output: Power supply
• protected against overvoltage, polarity reversals and short circuit
Analogue output
Current:
• 4…20 mA adjustable as sourcing or sinking (in the same mode as transistor)
• response time (10 %…90 %): 150 ms (standard)
• 1 current output (3 outputs transmitter (2-wire) variant)
max. loop impedance: 1100 Ω at 36 V DC, 610 Ω at 24 V DC, 180 Ω at 14 V DC
• 2 current outputs (4 outputs transmitter (3-wire) variant)
max. loop impedance: 1100 Ω at 36 V DC, 610 Ω at 24 V DC, 100 Ω at 12 V DC
Voltage supply cable
The female M12 connector and/or the male M12 connector are not included in the delivery and must
be ordered separately, see chapter “11.5. Ordering chart accessories” on page 23.
For these connectors, use a shielded cable with:
• diameter: 3…6.5 mm
• cross section of wires: max. 0.75 mm²
Process/Pipe connection & communication
Electrical connection
• 3 outputs transmitter (2-wire) variant: 1 x 5-pin M12 male connector
• 4 outputs transmitter (3-wire) variant: 1 x 5-pin M12 male and 1 x 5-pin M12 female connectors
Approvals and conformities
Foods and beverages/Hygiene
FDA declaration of conformity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com