Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Type 8222
21 | 24
Visit product website 
ELEMENT neutrino variant with a 4…20 mA output
Operating
voltage
Probe
Output
Nut
material
UL approval
Electrical connection 1.)
Article no.
Variant with G 1½" union nut
12…36 V DC C = 0.01 cm-1 1 × 4…20 mA (2 wires)
PVC
–
5-pin M12 male connector
561661 
UL Recognized
562545 
PVDF
–
562503 
UL Recognized
On request
PVC
–
Cable gland
561662 
UL Recognized
562546 
PVDF
–
562652 
UL Recognized
567396 
C = 0.1 cm-1
PVC
–
5-pin M12 male connector
561663 
UL Recognized
562547 
PVDF
–
562478 
UL Recognized
On request
PVC
–
Cable gland
561664 
UL Recognized
562548 
PVDF
–
562479 
UL Recognized
567357 
C = 1.0 cm-1
PVC
–
5-pin M12 male connector
561665 
UL Recognized
562549 
PVDF
–
562271 
UL Recognized
On request
PVC
–
Cable gland
561666 
UL Recognized
562550 
PVDF
–
562653 
UL Recognized
568024 
Variant with G ¾" external threaded
12…36 V DC C = 0.01 cm-1 1 × 4…20 mA (2 wires)
–
–
5-pin M12 male connector
561667 
UL Recognized
562551 
–
Cable gland
561668 
UL Recognized
562552 
C = 0.1 cm-1
–
5-pin M12 male connector
561669 
UL Recognized
562553 
–
Cable gland
561670 
UL Recognized
562554 
C = 1.0 cm-1
–
5-pin M12 male connector
561671 
UL Recognized
562555 
–
Cable gland
561672 
UL Recognized
562556 
1.) Must be ordered separately (see chapter “11.5. Ordering chart accessories” on page 23): M12 female connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com