Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 22 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 22 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Type 8222
22 | 24
Visit product website 
ELEMENT neutrino variant with digital communication
Note:
The communication protocol is selected automatically by the device depending on the master controlling it.
Operating
voltage
Probe
Output
Nut
material
UL approval
Electrical connection 1.)
Article no.
Metallic variant with G 1½" union nut
12…36 V DC C = 0.01 cm-1 Digital IO-Link and
büS/CANopen
communication
PVC
–
5-pin M12 male connector
574248 
UL Recognized
574249 
PVDF
–
574254 
UL Recognized
–
C = 0.1 cm-1
PVC
–
574250 
UL Recognized
574251 
PVDF
–
574255 
UL Recognized
–
C = 1.0 cm-1
PVC
–
574252 
UL Recognized
574253 
PVDF
–
574256 
UL Recognized
–
Metallic variant with G ¾" external threaded
12…36 V DC C = 0.01 cm-1 Digital IO-Link and
büS/CANopen
communication
–
–
5-pin M12 male connector
574257 
UL Recognized
574258 
C = 0.1 cm-1
–
574259 
UL Recognized
574260 
C = 1.0 cm-1
–
574261 
UL Recognized
574262 
All-plastic variant with G 1½" union nut
12…36 V DC C = 0.01 cm-1 Digital IO-Link communi-
cation
PVC
–
5-pin M12 male connector
574263 
UL Recognized
574264 
PVDF
–
574269 
UL Recognized
–
C = 0.1 cm-1
PVC
–
574265 
UL Recognized
574266 
PVDF
–
574270 
UL Recognized
–
C = 1.0 cm-1
PVC
–
574267 
UL Recognized
574268 
PVDF
–
574271 
UL Recognized
–
All-plastic variant with G ¾" external threaded
12…36 V DC C = 0.01 cm-1 Digital IO-Link communi-
cation
–
–
5-pin M12 male connector
574272 
UL Recognized
574273 
C = 0.1 cm-1
–
574274 
UL Recognized
574275 
C = 1.0 cm-1
–
574276 
UL Recognized
574277 
1.) Must be ordered separately (see chapter “11.5. Ordering chart accessories” on page 23): M12 female connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com