Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Type 8222
13 | 24
Visit product website 
4.2. ELEMENT neutrino variant
With a G 1½" union nut connection
Note:
Dimensions in mm, unless otherwise stated
87
∅24
C = 0.1 cm-1
C = 0.01 cm-1
∅24
∅16
∅16
C = 1 cm-1
22
C = 1 cm-1
56
86
56.5
G 1½"
86.5
∅ 24
∅ 60
1.) Only valid for digital communication variants
With a G ¾" external threaded connection
Note:
Dimensions in mm, unless otherwise stated
G3/4"
∅ 24
∅ 16
C = 0.1 cm-1
C = 0.01 cm-1
C = 1 cm-1
C = 1 cm-1
56
86
44
∅ 27.6H8
G3/4"
∅ 24.1 min.
R 0.25
min.
Threading dimensions plan
(for installation of the conductivity meter
with a G ¾" external threaded connection)
∅ 24
∅ 16
∅ 60
38
∅ 41.5
86.5
44.25
∅ 23.8
56.5
1.) Only valid for digital communication variants



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com