Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Conductivity meter, ELEMENT design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Type 8222
5 | 24
Visit product website 
Medium data
Fluid temperature
Device with
• G 1½" PVC union nut connection: 0…+ 50 °C (+ 32…+ 122 °F)
• G 1½" PVDF union nut connection (on request for ELEMENT neutrino variant): - 20…+ 100 °C
(- 4…+ 212 °F) restricted by the used adaptor
Restriction with adaptor S022 in:
– PVC: 0…+ 50 °C (+ 32…+ 122 °F)
– PP: 0…+ 80 °C (+ 32…+ 176 °F)
– metal: - 20…+ 100 °C (- 4…+ 212 °F)
Fluid pressure 1.)
Max. PN 16 (232 PSI)
Further information can be found in chapter “5.1. Pressure temperature diagram” on page 14
(depends on selected probe).
Process/Pipe connection & communication
Process connection
G 1½" internal thread for use with Type S022 adaptor
See data sheet Type S022  for more information.
Approvals and conformities
Directives
CE directive
Further information on the CE directive can be found in chapter “2.3. Standards” on page 9.
Pressure equipment directive
Complying with article 4, paragraph 1 of 2014/68/EU directive
Further information on the pressure equipment directive can be found in chapter “2.4. Pressure
Equipment Directive (PED)” on page 9.
North America (USA/Canada)
UL Recognized for the USA and Canada
Environment and installation
Ambient temperature
Operation and storage: - 10…+ 60 °C (+ 14…+ 140 °F)
Relative air humidity
≤ 85 %, without condensation
Height above sea level
Max. 2000 m
Operating condition
Continuous
Equipment mobility
Fixed
Application range
Indoor and outdoor
Protect the device against electromagnetic interference, ultraviolet rays and, when installed outdoors,
against the effects of climatic conditions.
Installation category
Category I according to UL/EN 61010-1
Pollution degree
Degree 2 according to UL/EN 61010-1
1.) Not evaluated by UL
1.3. ELEMENT standard variant
Product properties
Material
Further information on the materials can be found in chapter “3.2. Material specifications” on page 10.
Non wetted parts
Cover
Polycarbonate (PC), transparent (opaque on request)
Housing
Stainless steel 1.4404 (316L), PPS
Screw
Stainless steel 1.4401 (316 (A4))
Grounding terminal and screw
Stainless steel 1.4301 (304 (A2))
Union nut
PVC or PVDF
Display/configuration module
PC
Navigation key
PBT
Seal
EPDM, silicone
Fixed connector holder
PPS CF30
Fixed connector
Nickel-plated brass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com